Electronic Components Datasheet Search |
|
WED7P032ATA8004C25 Datasheet(PDF) 1 Page - White Electronic Designs Corporation |
|
WED7P032ATA8004C25 Datasheet(HTML) 1 Page - White Electronic Designs Corporation |
1 / 10 page 1 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com White Electronic Designs WED7PxxxATA80xxC25 July 2005 Rev. 1 White Electronic Designs Corp. reserves the right to change products or specifications without notice. FEATURES ATA compatibility Supports 3 variations of mode access • I/O Card Mode • Memory Card Mode • True- IDE Mode +5.5V / +3.0V single power supply. Internal Error Correction Logic • Data Interleave to 2 for each 256 Bytes. • Error Correction of 1 Byte random error per 128 Bytes of data. • Automatic on-the-fly, in-buffer error correction. Compatible with all PC Card Service and Socket Service. Integrated PC Card attribute memory of 256 Bytes(CIS). 4 PC Card function register support. Supports Host-side Write Protect. Automatic wake up from power-down on host reset or command write. Sector data transfers without microprocessor intervention. Operation Environment • Temperature — 0°C ~ 65°C • Humidity — 8% ~ 95% 32MB to 4GB Flash Card DESCRIPTION The WED7PxxxATA80xxC25 series ATA card is an ATA interface flash memory card based on flash technology. The ATA card is constructed with a flash disk controller chip and NAND-type flash memory device. Operates from a single 5-Volt or 3.3-Volt power source. The card is available in ATA type-2 form factor from 32MB to 4GB unformatted capacity. Being able to emulate IDE hard disk drives, WEDC’s ATA card is a perfect choice for solid-state mass-storage in industrial applications. * This product is subject to change without notice. PRODUCT TYPES Card Density Model No. 32MB 7P032ATA80xxC25 64MB 7P064ATA80xxC25 128MB 7P128ATA80xxC25 256MB 7P256ATA80xxC25 512MB 7P512ATA80xxC25 1024MB 7P1G0ATA80xxC25 2048MB 7P2G0ATA80xxC25 4096MB 7P4G0ATA80xxC25 xx = Housing 03 = WEDC logo 04 = No logo |
Similar Part No. - WED7P032ATA8004C25 |
|
Similar Description - WED7P032ATA8004C25 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |