Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED48S8030E Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WED48S8030E
Description  2M x 8 Bits x 4 Banks Synchronous DRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED48S8030E Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WED48S8030E Datasheet HTML 3Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 4Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 5Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 6Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 7Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 8Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 9Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 10Page - White Electronic Designs Corporation WED48S8030E Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
WED48S8030E
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
February, 2002
Rev. 2
A11 A10 A9
A2 A1 A0
A8 A7 A6 A5 A4 A3
11
10
9
2 1
0
8
7
6
5
4
3
Address Bus
Mode Register (Mx)
Reserved* WB Op Mode CAS Latency BT Burst Length
*Should program
M11, M10 = “0, 0”
to ensure compatability
with future devices.
Burst Length
M2
M3
M8
M9
M7
M6-M0
M1 M0
M3 = 0
M3 = 1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
M6 M5 M4
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
1
2
4
8
1
2
4
8
Reserved
Reserved
Reserved
Full Page
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RRserved
Reserved
Burst Type
0
1
0
1
Sequential
Interleaved
CAS Latency
2
3
0
0
Defined
Operating Mode
Standard Operation
All other states reserved
Write Burst Mode
Programmed Burst Length
Single Location Access
MODE REGISTER SET TABLE


Similar Part No. - WED48S8030E

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED416S16030A WEDC-WED416S16030A Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED416S16030C10SI WEDC-WED416S16030C10SI Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED416S16030C75SI WEDC-WED416S16030C75SI Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED416S16030C7SI WEDC-WED416S16030C7SI Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
WED416S16030C8SI WEDC-WED416S16030C8SI Datasheet
900Kb / 26P
   4M x 16 Bits x 4 Banks Synchronous DRAM
More results

Similar Description - WED48S8030E

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6608A4A A-DATA-ADS6608A4A Datasheet
522Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)?
Rev 1 April, 2001
VDS6608A4A A-DATA-VDS6608A4A Datasheet
521Kb / 8P
   Synchronous DRAM(2M X 8 Bit X 4 Banks)
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
TTS3816B4E ETC1-TTS3816B4E Datasheet
274Kb / 8P
   2M x 16Bit x 4 Banks synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com