Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P032CFA8001C25 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED7P032CFA8001C25
Description  CompactFlashTM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P032CFA8001C25 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED7P032CFA8001C25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P032CFA8001C25 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxCFA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Rating
Units
VCC
Power supply
-0.3 to 6.0
V
VIN
Input voltage
-0.3 to VCC+0.3
V
VOUT
Output voltage
-0.3 to VCC+0.3
V
TSTG
Storage temperature
-40 to 125
°C
DC CHARACTERISTICS:
I) Recommended Operating Conditions:
Symbol
Parameter
Min.
Max.
Units
VCC
Power supply
3.0
5.5
V
VIN
Input voltage
0
VCC
V
TOPR
Operating temperature
-20
65
°C
II) General DC Characteristics:
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIL
Input low current
no pull up/down
-1
1
µA
IIH
Input high current
no pull up/down
-1
1
µA
IOZ
Tri-state leakage current
-10
10
µA
CIN
Input capacitance
4
pF
COUT
Output capacitance
4
pF
CBID
Bi-direction capacitance
4
pF
III) DC Electrical Characteristics:
Symbol
Parameter
Min
Typ
Max
Units
VIL
Input low voltage
0.3VCC
V
VIH
Input high voltage
0.7VCC
V
VIL
Schmitt input low voltage
1.22
V
VIH
Schmitt input high voltage
2.08
V
VOL
Output low voltage
0.4
V
VOH
Output high voltage
2.3
1
V
RI
Input pull up/down resistance
75
kΩ


Similar Part No. - WED7P032CFA8001C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P032ATA8003C25 WEDC-WED7P032ATA8003C25 Datasheet
222Kb / 10P
   32MB to 4GB Flash Card
WED7P032ATA8004C25 WEDC-WED7P032ATA8004C25 Datasheet
222Kb / 10P
   32MB to 4GB Flash Card
More results

Similar Description - WED7P032CFA8001C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXCFA70XXI25 WEDC-WED7PXXXCFA70XXI25 Datasheet
274Kb / 15P
   CompactFlashTM Card
logo
Transcend Information. ...
TS0MCF2PC TRANSCEND-TS0MCF2PC Datasheet
115Kb / 2P
   CompactFlashTM Adapter
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
   SD Memory Card / SDIO Card Controller
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
   SD Card Adapter (for microSD??Card)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
   miniSDTM Card Adapter (for microSD??Card)
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
logo
Greenliant systems
G7101 GREENLIANT-G7101 Datasheet
158Kb / 6P
   G-card (Greenliant PCIe flash card)
logo
Texas Instruments
RI-TRP-R4FF TI1-RI-TRP-R4FF_16 Datasheet
645Kb / 5P
[Old version datasheet]   CARD TRANSPONDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com