Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P128ATA8004C25 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED7P128ATA8004C25
Description  32MB to 4GB Flash Card
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P128ATA8004C25 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WED7P128ATA8004C25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 9Page - White Electronic Designs Corporation WED7P128ATA8004C25 Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxATA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS (cont'd):
I/O Input (Read) Timing Specification
Item
Symbol
IEEE Symbol
Min ns.
Max ns.
Data Delay after IORD
td(IORD)
tIGLQV
100
Data Hold following IORD
th(IORD)
tIGHQX
0
IORD Width Time
tw(IORD)
tIGLIGH
165
Address Setup before IORD
tsuA(IORD)
tAVIGL
70
Address Hold following IORD
thA(IORD)
tIGHAX
20
CE Setup before IORD
tsuCE(IORD)
tELIGL
5
CE Hold following IORD
thCE(IORD)
tIGHEH
20
REG Setup before IORD
tsuREG(IORD)
tRGLIGL
5
REG Hold following IORD
thREG(IORD)
tIGHRGH
0
INPACK Delay Falling from IORD
tdfINPACK(IORD)
tIGLIAL
045
INPACK Delay Rising from IORD
tdrINPACK(IORD)
tIGHIAH
45
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
35
Wait Delay Falling from IORD
tdWT(IORD)
tIGLWTL
35
Data Delay from Wait Rising
td(WT)
tWTHQV
0
Wait Width Time
tw(WT)
tWTLWTH
350 (3000 for CF+)
Note: Maximum load on WAIT#, INPACK# and I0IS16# is 1 LSTTL with 50pF total load. All times are in nanoseconds. Minimum time from WAIT# high to IORD# high is Onsec, but
minimum IORD# width must still be met. Wait Width time meets PCMCIA specification of 12ps but is intentionally less in this spec.
I/O Output (Write) Timing Specification
Item
Symbol
IEEE Symbol
Min ns.
Max ns.
Data Setup before IOWR
tsu(IOWR)
tDVIWH
60
Data Hold following IOWR
th(IOWR)
tIWHDX
30
IOWR Width Time
tw(IOWR)
tIWLIWH
165
Address Setup before IOWR
tsuA(IOWR)
tAVIWL
70
Address Hold following IOWR
thA(IOWR)
tIWHAX
20
CE Setup before IOWR
tsuCE(IOWR)
tELIWL
5
CE Hold following IOWR
thCE(IOWR)
tIWHEH
20
REG Setup before IOWR
tsuREG(IOWR)
tRGLIWL
5
REG Hold following IOWR
thREG(IOWR)
tIWHRGH
0
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
35
Wait Delay Falling from IOWR
tdWT(IOWR)
tIWLWTL
35
IOWR high from Wait high
tdrIOWR(WT)
tWTJIWH
0
Wait Width Time
tw(WT)
tWTLWTH
350 (3000for CF+)
Note: The maximum load on WAIT#, INPACK#, and I0IS16# is 1 LSTTL with 50pF total load. All times are in nanoseconds. Minimum time from WAIT# high to IOWR# high is Onsec,
but minimum IOWR# width must still be met. The Wait Width time meets the PCMCIA specification of 12ps but is intentionally less in this specification.


Similar Part No. - WED7P128ATA8004C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P128ATA7003I25 WEDC-WED7P128ATA7003I25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
WED7P128ATA7004I25 WEDC-WED7P128ATA7004I25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
More results

Similar Description - WED7P128ATA8004C25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID245P01 SHARP-ID245P01 Datasheet
2Mb / 32P
   32MB Flash Memory Card
logo
Transcend Information. ...
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
logo
List of Unclassifed Man...
S40FC004 ETC-S40FC004 Datasheet
2Mb / 33P
   4GB , 3.3 V, e.MMC Flash
Revised Feb. 03, 2021
logo
Transcend Information. ...
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Micron Technology
N25Q032A11ESE40G MICRON-N25Q032A11ESE40G Datasheet
885Kb / 82P
   32Mb, 1.8V, Multiple I/O Serial Flash Memory
logo
Transcend Information. ...
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS512MUFM-V TRANSCEND-TS512MUFM-V Datasheet
192Kb / 5P
   512M~4GB USB Flash Module(Vertical)
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com