Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P256ATA8004C25 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED7P256ATA8004C25
Description  32MB to 4GB Flash Card
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P256ATA8004C25 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED7P256ATA8004C25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P256ATA8004C25 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxATA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FEATURES
ATA compatibility
Supports 3 variations of mode access
• I/O Card Mode
• Memory Card Mode
• True- IDE Mode
+5.5V / +3.0V single power supply.
Internal Error Correction Logic
• Data Interleave to 2 for each 256 Bytes.
• Error Correction of 1 Byte random error per 128
Bytes of data.
• Automatic on-the-fly, in-buffer error correction.
Compatible with all PC Card Service and Socket
Service.
Integrated PC Card attribute memory of 256
Bytes(CIS).
4 PC Card function register support.
Supports Host-side Write Protect.
Automatic wake up from power-down on host reset
or command write.
Sector data transfers without microprocessor
intervention.
Operation Environment
• Temperature — 0°C ~ 65°C
• Humidity — 8% ~ 95%
32MB to 4GB Flash Card
DESCRIPTION
The WED7PxxxATA80xxC25 series ATA card is an ATA
interface flash memory card based on flash technology.
The ATA card is constructed with a flash disk controller
chip and NAND-type flash memory device. Operates
from a single 5-Volt or 3.3-Volt power source. The card
is available in ATA type-2 form factor from 32MB to 4GB
unformatted capacity. Being able to emulate IDE hard disk
drives, WEDC’s ATA card is a perfect choice for solid-state
mass-storage in industrial applications.
* This product is subject to change without notice.
PRODUCT TYPES
Card Density
Model No.
32MB
7P032ATA80xxC25
64MB
7P064ATA80xxC25
128MB
7P128ATA80xxC25
256MB
7P256ATA80xxC25
512MB
7P512ATA80xxC25
1024MB
7P1G0ATA80xxC25
2048MB
7P2G0ATA80xxC25
4096MB
7P4G0ATA80xxC25
xx = Housing
03 = WEDC logo
04 = No logo


Similar Part No. - WED7P256ATA8004C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P256ATA7003I25 WEDC-WED7P256ATA7003I25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
WED7P256ATA7004I25 WEDC-WED7P256ATA7004I25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
More results

Similar Description - WED7P256ATA8004C25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID245P01 SHARP-ID245P01 Datasheet
2Mb / 32P
   32MB Flash Memory Card
logo
Transcend Information. ...
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
logo
List of Unclassifed Man...
S40FC004 ETC-S40FC004 Datasheet
2Mb / 33P
   4GB , 3.3 V, e.MMC Flash
Revised Feb. 03, 2021
logo
Transcend Information. ...
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Micron Technology
N25Q032A11ESE40G MICRON-N25Q032A11ESE40G Datasheet
885Kb / 82P
   32Mb, 1.8V, Multiple I/O Serial Flash Memory
logo
Transcend Information. ...
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS512MUFM-V TRANSCEND-TS512MUFM-V Datasheet
192Kb / 5P
   512M~4GB USB Flash Module(Vertical)
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com