Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P256CFA8001C25 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED7P256CFA8001C25
Description  CompactFlashTM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P256CFA8001C25 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED7P256CFA8001C25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P256CFA8001C25 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxCFA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FEATURES
Fully compatible with PC Card Standard &
CFA(Compact Flash Association) Standard.
Support 3 variations of mode access
• I/O Card Mode
• Memory Card Mode
• True- IDE Mode
+5.5V / +3.0V single power supply.
Internal Error Correction Logic
• Data Interleave to 2 for each 256 Bytes.
• Error Correction of 1 Byte random error per 128
Bytes of data.
• Automatic on-the-fly, in-buffer error correction.
Compatible with all PC Card Service and Socket
Service.
Integrated PC Card attribute memory of 256
Bytes(CIS).
4 PC Card function register support.
Support Host-side Write Protect.
Automatic wake up from power-down on host reset
or command write.
Sector data transfers without microprocessor
intervention.
Operation Environment
• Temperature — 0°C ~ 65°C
• Humidity — 8% ~ 95%
CompactFlashTM Card
DESCRIPTION
The WEDC CompactFlash™ Card consists of a
CompactFlash™ Controller, which supports Toshiba/
Samsung NAND type flash. The CompactFlash™
Card meets CFA specification V1.4, and provides error
correcting code (ECC) reliability to detect and correct
errors automatically.
* This product is subject to change without notice.
Notes: CompactFlash™ is a trademark of SanDisk Corporation and is licensed royalty-
free to the CFA, which in turn will license it royalty-free to CFA members.
CFA: CompactFlash™ Association.
PRODUCT TYPES
Card Density
Model No.
32MB
7P032CFA80xxC25
64MB
7P064CFA80xxC25
128MB
7P128CFA80xxC25
256MB
7P256CFA80xxC25
512MB
7P512CFA80xxC25
1024MB
7P1024CFA80xxC25
2048MB
7P2048CFA80xxC25
4096MB
7P4G0CFA80xxC25
xx = Housing
00 = WEDC logo
01 = No logo


Similar Part No. - WED7P256CFA8001C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P256CFA7000I25 WEDC-WED7P256CFA7000I25 Datasheet
274Kb / 15P
   CompactFlashTM Card
WED7P256CFA7001I25 WEDC-WED7P256CFA7001I25 Datasheet
274Kb / 15P
   CompactFlashTM Card
More results

Similar Description - WED7P256CFA8001C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXCFA70XXI25 WEDC-WED7PXXXCFA70XXI25 Datasheet
274Kb / 15P
   CompactFlashTM Card
logo
Transcend Information. ...
TS0MCF2PC TRANSCEND-TS0MCF2PC Datasheet
115Kb / 2P
   CompactFlashTM Adapter
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
   SD Memory Card / SDIO Card Controller
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
   SD Card Adapter (for microSD??Card)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
   miniSDTM Card Adapter (for microSD??Card)
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
logo
Greenliant systems
G7101 GREENLIANT-G7101 Datasheet
158Kb / 6P
   G-card (Greenliant PCIe flash card)
logo
Texas Instruments
RI-TRP-R4FF TI1-RI-TRP-R4FF_16 Datasheet
645Kb / 5P
[Old version datasheet]   CARD TRANSPONDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com