Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P4G0ATA8004C25 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WED7P4G0ATA8004C25
Description  32MB to 4GB Flash Card
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P4G0ATA8004C25 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WED7P4G0ATA8004C25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxATA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS:
Attribute Memory Read Timing Specification
Attribute Memory access time is defined as 300ns. Detailed timing specs are shown in Table below.
Speed Version
300 ns
Item
Symbol
IEEE Symbol
Min ns.
Max ns.
Read Cycle Time
tc(R)
tAVAV
300
Address Access Time
ta(A)
tAVQV
300
Card Enable Access Time
ta(CE)
tELQV
300
Output Enable Access Time
ta(OE)
tGLQV
150
Output Disable Time from CE
tdis(CE)
tEHQZ
100
Output Disable Time from OE
tdis(OE)
tGHQZ
100
Address Setup Time
tsu(A)
tAVGL
30
Output Enable Time from CE
ten(CE)
tELQNZ
5
Output Enable Time from OE
ten(OE)
tGLQNZ
5
Data Valid from Address Change
tv(A)
tAXQX
0
Note: All times are in nanoseconds. The CE# signal or both the OE# signal and the WE# signal must be de-asserted between consecutive cycle operations.
Configuration Register (Attribute Memory) Write Timing Specification
The Card Configuration write access time is defined as 250ns. Detailed timing specifications are shown in Table below.
Speed Version
250 ns
Item
Symbol
IEEE Symbol
Min ns
Max ns
Write Cycle Time
tc(W)
tAVAV
250
Write Pulse Width
tw(WE)
tWLWH
150
Address Setup Time
tsu(A)
tAVWL
30
Write Recovery Time
trec(WE)
tWMAX
30
Data Setup Time for WE
tsu(D-WEH)
tDVWH
80
Data Hold Time
th(D)
tWMDX
30
Note: All times are in nanoseconds.
Common Memory Read Timing Specification
Item
Symbol
IEEE Symbol
Min ns.
Max ns.
Output Enable Access Time
ta(OE)
tGLQV
125
Output Disable Time from OE
tdis(OE)
tGHQZ
100
Address Setup Time
tsu(A)
tAVGL
30
Address Hold Time
th(A)
tGHAX
20
CE Setup before OE
tsu(CE)
tELGL
0
CE Hold following OE
th(CE)
tGHEH
20
Wait Delay Falling from OE
tv(WT-OE)
tGLWTV
35
Data Setup for Wait Release
tv(WT)
tQVWTH
0
Wait Width Time
tw(WT)
tWTLWTH
350 (3000 for CF+)
Note: The maximum load on -WAIT# is 1 LSTTL with 50pF total load. All times are in nanoseconds. The WAIT# signal may be ignored if the OE# cycle to cycle time is greater than
the Wait Width time. The Max Wait Width time can be determined from the Card Information Structure. The Wait Width time meets the PCMCIA specification of 12ps but is
intentionally less in this specification.


Similar Part No. - WED7P4G0ATA8004C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P4G0CFA8000C25 WEDC-WED7P4G0CFA8000C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
WED7P4G0CFA8001C25 WEDC-WED7P4G0CFA8001C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
More results

Similar Description - WED7P4G0ATA8004C25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID245P01 SHARP-ID245P01 Datasheet
2Mb / 32P
   32MB Flash Memory Card
logo
Transcend Information. ...
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
logo
List of Unclassifed Man...
S40FC004 ETC-S40FC004 Datasheet
2Mb / 33P
   4GB , 3.3 V, e.MMC Flash
Revised Feb. 03, 2021
logo
Transcend Information. ...
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Micron Technology
N25Q032A11ESE40G MICRON-N25Q032A11ESE40G Datasheet
885Kb / 82P
   32Mb, 1.8V, Multiple I/O Serial Flash Memory
logo
Transcend Information. ...
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS512MUFM-V TRANSCEND-TS512MUFM-V Datasheet
192Kb / 5P
   512M~4GB USB Flash Module(Vertical)
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com