Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED9LC6816V1510BC Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WED9LC6816V1510BC
Description  256Kx32 SSRAM/4Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED9LC6816V1510BC Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WED9LC6816V1510BC Datasheet HTML 5Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 6Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 7Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 8Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 9Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 10Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 11Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 12Page - White Electronic Designs Corporation WED9LC6816V1510BC Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
WED9LC6816V
September, 2003
Rev. 1
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Contact factory for ordering information.
Frequency
CAS
Latency
tRC
70ns
tRAS
50ns
tRP
20ns
tRRD
20ns
tRCD
20ns
tCCD
10ns
tCDL
10ns
tRDL
10ns
125MHz (8.0ns)
3
9
6
3
2
3
1
1
1
100MHz (10.0ns)
3
7
5
2
2
2
1
1
1
83MHz (12.0ns)
2
6
4
2
2
2
1
1
1
Clock Frequency and Latency Parameters - 125MHz SDRAM
(Unit = number of clock)
Frequency
CAS
Latency
tRC
70ns
tRAS
50ns
tRP
20ns
tRRD
20ns
tRCD
20ns
tCCD
10ns
tCDL
10ns
tRDL
10ns
100MHz (12.0ns)
3
7
5
2
2
2
1
1
1
83MHz (12.0ns)
2
6
5
2
2
2
1
1
Clock Frequency and Latency Parameters - 100MHz SDRAM
(Unit = number of clock)
Parameter
Symbol
-10
Min
Max
-12
Min
Max
Units
Refresh Period (1,2)
tREF
64
64
ms
Refresh Cycle Parameters
NOTES:
1. 4096 cycles
2. Any time that the Refresh Period has been exceeded, a minimum of two Auto (CBR) Refresh commands must be given to
"wake-up" the device.
SDRAM Command Truth Table
Function
SDCE# SDRAS# SDCAS# SDWE # BWE# A12, A13
SDA10
A11-0
Notes
Mode Register Set
L
L
L
L
X
OP CODE
Auto Refresh (CBR)
L
L
L
H
X
X
X
Precharge
Single Bank
L
L
H
L
X
BA
L
2
Precharge all Banks
L
L
H
L
X
X
H
Bank Activate
L
L
H
H
X
BA
Row Address
2
Write
L
H
L
L
X
BA
L
2
Write with Auto Precharge
L
H
L
L
X
BA
H
2
Read
L
H
L
L
X
BA
L
2
Read with Auto Precharge
L
H
L
H
X
BA
H
2
Burst Termination
L
H
H
L
X
X
X
3
No Operation
L
H
H
H
X
X
X
Device Deselect
H
X
X
X
X
X
X
Data Write/Output Disable
X
X
X
X
L
X
X
4
Data Mask/Output Disable
X
X
X
X
H
X
X
4
NOTES:
1. All of the SDRAM operations are defined by states of SDCE#, SDWE#, SDRAS#, SDCAS#, and BWE0-3# at the positive rising edge of the clock.
2. Bank Select (BA), A12 (BA0) and A13 (BA1) select between different banks.
3. During a Burst Write cycle there is a zero clock delay, for a Burst Read cycle the delay is equal to the CAS latency.
4. The BWE# has two functions for the data DQ Read and Write operations. During a Read cycle, when BWE# goes high at a clock timing the data outputs are disabled
and become high impedance after a two clock delay. BWE# also provides a data mask function for Write cycles. When it activates, the Write operation at the clock is
prohibited (zero clock latency).


Similar Part No. - WED9LC6816V1510BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED9LC6416V ETC-WED9LC6416V Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1310BC ETC-WED9LC6416V1310BC Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1310BI ETC-WED9LC6416V1310BI Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1312BC ETC-WED9LC6416V1312BC Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1312BI ETC-WED9LC6416V1312BI Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
More results

Similar Description - WED9LC6816V1510BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED9LC6416V ETC-WED9LC6416V Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222BF HYNIX-HY5DU283222BF Datasheet
266Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQP HYNIX-HY5DU283222AQP Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222Q HYNIX-HY5DU283222Q Datasheet
344Kb / 27P
   128M(4Mx32) GDDR SDRAM
HY5DW283222BF HYNIX-HY5DW283222BF Datasheet
265Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DS283222BF HYNIX-HY5DS283222BF Datasheet
1,007Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222F HYNIX-HY5DU283222F Datasheet
1Mb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AF HYNIX-HY5DU283222AF Datasheet
355Kb / 32P
   128M(4Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com