Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN4M72V-133B2M Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WEDPN4M72V-133B2M
Description  4Mx72 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN4M72V-133B2M Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WEDPN4M72V-133B2M Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 11Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 12Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 13Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 14Page - White Electronic Designs Corporation WEDPN4M72V-133B2M Datasheet HTML 15Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPN4M72V-XB2X
January 2005
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Parameter
Symbol
-100
-125
-133
Unit
Min
Max
Min
Max
Min
Max
Access time from CK (pos. edge)
CL = 3
tAC
7
6
5.5
ns
CL = 2
tAC
766
ns
Address hold time
tAH
1
1
0.8
ns
Address setup time
tAS
2
2
1.5
ns
CK high-level width
tCH
3
3
2.5
ns
CK low-level width
tCL
3
3
2.5
ns
Clock cycle time (22)
CL = 3
tCK
10
8
7.5
ns
CL = 2
tCK
13
10
10
ns
CKE hold time
tCKH
1
1
0.8
ns
CKE setup time
tCKS
2
2
1.5
ns
CS#, RAS#, CAS#, WE#, DQM hold time
tCMH
1
1
0.8
ns
CS#, RAS#, CAS#, WE#, DQM setup time
tCMS
2
2
1.5
ns
Data-in hold time
tDH
1
1
0.8
ns
Data-in setup time
tDS
2
2
1.5
ns
Data-out high-impedance time
CL = 3 (10)
tHZ
7
6
5.5
ns
CL = 2 (10)
tHZ
766
ns
Data-out low-impedance time
tLZ
1
1
1
ns
Data-out hold time (load)
tOH
3
3
3
ns
Data-out hold time (no load) (26)
tOHN
1.8
1.8
1.8
ns
ACTIVE to PRECHARGE command
tRAS
50
120,000
45
120,000
50
120,000
ns
ACTIVE to ACTIVE command period
tRC
70
68
68
ns
ACTIVE to READ or WRITE delay
tRCD
20
20
20
ns
Refresh period (4,096 rows) – Commercial, Industrial
tREF
64
64
64
ms
Refresh period (4,096 rows) – Military
tREF
16
16
16
ms
AUTO REFRESH period
tRFC
70
70
70
ns
PRECHARGE command period
tRP
20
20
20
ns
ACTIVE bank A to ACTIVE bank B command
tRRD
20
20
15
ns
Transition time (7)
tT
0.3
1.2
0.3
1.2
0.3
1.2
ns
WRITE recovery time
(23)
tWR
1 CK +
7ns
1 CK +
7ns
1 CK +
7.5ns
(24)
15
15
15
ns
Exit SELF REFRESH to ACTIVE command
tXSR
80
80
75
ns
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CHARACTERISTICS
(NOTES 5, 6, 8, 9, 11)


Similar Part No. - WEDPN4M72V-133B2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN4M64V-100BC WEDC-WEDPN4M64V-100BC Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-100BI WEDC-WEDPN4M64V-100BI Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-100BM WEDC-WEDPN4M64V-100BM Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-125BC WEDC-WEDPN4M64V-125BC Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
WEDPN4M64V-125BI WEDC-WEDPN4M64V-125BI Datasheet
317Kb / 12P
   4Mx64 Synchronous DRAM
More results

Similar Description - WEDPN4M72V-133B2M

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com