Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7G1G7IDE33ADC25 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED7G1G7IDE33ADC25
Description  DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7G1G7IDE33ADC25 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WED7G1G7IDE33ADC25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7GxxxIDE36
WED7GxxxIDE33
July, 2003
Rev. 0
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIG. 2: POWER LOSS WITH POWER FAILURE PROTECTION CIRCUIT
Notes:
All values quoted are typical at ambient temperatures and nominal supply voltage unless otherwise stated.
Sleep mode current is specified under the condition that all inputs are at static CMOS levels and in a “Not
Busy” operating state.
Power Loss
Data Transmitted
External V
CC
Data Received
Data Written
Internal V
CC
Note: t
BACKUP > tSW
t
BACKUP
t
SW
Valin V
CC Threshold
Sector n+1
Sector n
Sector n
Sector n+2
n+1
n
Sector n+1
Temperature
Operating
Non-Operating
0° C to 70° C
-25° C to 85° C
Humidity
Operating
Non-Operating
8% to 95 %, non-condensing
8% to 95 %, non-condensing
Acoustic Noise
0 dB
Altitude (relative to sea level)
Operating
Non-Operating
80,000 feet maximum
ENVIRONMENTAL SPECIFICATIONS
3.3 V
5 V
DC Input Voltage (VCC)
100 mV max. ripple (p-p)
3.3V +/- 5%
5V +/- 10%
See Notes
Sleep
Reading
Writing
Read/Write Peak
200 µA
21 mA
24 mA
150 mA/50 µs
500 µA
34 mA
34 mA
150 mA/50 µs
POWER REQUIREMENTS


Similar Part No. - WED7G1G7IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
More results

Similar Description - WED7G1G7IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
logo
Transcend Information. ...
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com