Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7G1G7IDE33ADC25 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WED7G1G7IDE33ADC25
Description  DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7G1G7IDE33ADC25 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

  WED7G1G7IDE33ADC25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7G1G7IDE33ADC25 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7GxxxIDE36
WED7GxxxIDE33
July, 2003
Rev. 0
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PREFIX
PRODUCT GROUP
7
Flash
SUBSTRATE
F FRA w/Tin leads contact
G FRA w/Gold contact
CAPACITY
016 16MB
416 416MB
032 32MB
448 448MB
048 48MB
480 480MB
064 64MB
512 512MB
080 80MB
576 576MB
096 96MB
640 640MB
112 112MB
704 704MB
128 128MB
768 768MB
144 144MB
832 832MB
160 160MB
896 896MB
176 176MB
960 960MB
192 192MB
1G0 1024MB
208 208MB
1G1 1152MB
224 224MB
1G2 1280MB
240 240MB
1G4 1408MB
256 256MB
1G5 1536MB
288 288MB
1G6 1664MB
320 320MB
1G7 1792MB
352 352MB
1G9 1920MB
384 384MB
2G0 2048MB
CARD FAMILY & VERSION
IDE33 SanDisk based IDE module
IDE36 SanDisk based IDE module with PFP circuit
OPTIONS
A Reset Low (Standard)
PACKAGE
D SO-DIMM; 144
TEMPERATURE RANGE
C Commercial
0°C to +70°C
SPEED
25 250ns
ORDERING INFORMATION–DIMMDRIVE PART NUMBER MATRIX
WED 7 G 256 IDE36 A D C 25


Similar Part No. - WED7G1G7IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
More results

Similar Description - WED7G1G7IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
logo
Transcend Information. ...
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com