Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN16M64VR-100B2M Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WEDPN16M64VR-100B2M
Description  16Mx64 REGISTERED SYNCHRONOUS DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M64VR-100B2M Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WEDPN16M64VR-100B2M Datasheet HTML 1Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 2Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 3Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M64VR-100B2M Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
WEDPN16M64VR-XB2X
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 0
FIGURE 1 – PIN CONFIGURATION
NOTE: DNU = Do Not Use; to be left unconnected for future upgrades.
NC = Not Connected Internally.
1
2
3
4
5
6
7
8
9 10
11
12
13
14
15
16
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
DQ1
DQ3
DQ6
DQ7
CAS#
CS0#
VSS
VSS
NC
NC
DQ56
DQ57
DQ60
DQ62
Vss
VSS
DQ30
DQ28
DQ25
DQ24
CLK1
LE#
VCC
VCC
DNU
NC
DQ39
DQ38
DQ35
DQ33
VCC
DQ0
DQ2
DQ4
DQ5
DQMB0
WE#
RAS#
VSS
VSS
NC
NC
DQMB7
DQ58
DQ59
DQ61
DQ63
DQ31
DQ29
DQ27
DQ26
NC
DQMB3
NC
VCC
VCC
NC
NC
DQMB4
DQ37
DQ36
DQ34
DQ32
DQ14
DQ12
DQ10
DQ8
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
DQ55
DQ53
DQ51
DQ49
DQ17
DQ19
DQ21
DQ23
VSS
VSS
VSS
Vss
VSS
VSS
VSS
VSS
DQ40
DQ42
DQ44
DQ46
DQ15
DQ13
DQ11
DQ9
DQMB1
CLK0
CKE
VCC
VCC
NC
NC
NC
DQ54
DQ52
DQ50
DQ48
DQ16
DQ18
DQ20
DQ22
DQMB2
OE#
CS1#
VSS
VSS
NC
CLK2
DQMB5
DQ41
DQ43
DQ45
DQ47
VSS
VSS
VCC
VCC
NC
NC
NC
VSS
VSS
NC
NC
DQMB6
NC
VSS
VCC
VCC
VCC
VCC
VSS
VSS
NC
NC
NC
VCC
VCC
NC
NC
NC
NC
VCC
VSS
VSS
A9
A0
A2
A12
NC
NC
NC
NC
NC
NC
A8
A1
A3
DNU
NC
NC
NC
NC
NC
NC
A10
A7
A5
DNU
BA0
NC
NC
NC
NC
NC
A11
A6
A4
DNU
BA1
NC
NC
NC
NC
NC
VSS
VSS
VCC
VCC
NC
NC
NC
VSS
VCC
VCC
VCC
VCC
VSS
VSS
NC
NC
NC
VCC
VSS
VSS
Top View


Similar Part No. - WEDPN16M64VR-100B2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64V-100B2C WEDC-WEDPN16M64V-100B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2I WEDC-WEDPN16M64V-100B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2M WEDC-WEDPN16M64V-100B2M Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2C WEDC-WEDPN16M64V-125B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2I WEDC-WEDPN16M64V-125B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
More results

Similar Description - WEDPN16M64VR-100B2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64V-XB2X WEDC-WEDPN16M64V-XB2X Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M72VR-XB2X WEDC-WEDPN16M72VR-XB2X Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com