Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN16M64VR-100B2I Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WEDPN16M64VR-100B2I
Description  16Mx64 REGISTERED SYNCHRONOUS DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M64VR-100B2I Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WEDPN16M64VR-100B2I Datasheet HTML 1Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 2Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 3Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M64VR-100B2I Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
WEDPN16M64VR-XB2X
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 0
GENERAL DESCRIPTION
The 128MByte (1Gb) SDRAM is a high-speed CMOS,
dynamic random-access, memory using 4 chips containing
268,435,456 bits. Each chip is internally configured as a
quad-bank DRAM with a synchronous interface. Each of
the chip’s 67,108,864-bit banks is organized as 8,192 rows
by 512 columns by 16 bits. The MCP also incorporates
two 16-bit universal bus drivers for input control signals
and addresses.
Read and write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for
a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command, which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank
and row to be accessed (BA0, BA1 select the bank; A0-
12 select the row). The address bits registered coincident
with the READ or WRITE command are used to select the
starting column location for the burst access.
The SDRAM provides for programmable READ or WRITE
burst lengths of 1, 2, 4 or 8 locations, or the full page, with
a burst terminate option. An AUTO PRECHARGE function
may be enabled to provide a self-timed row precharge that
is initiated at the end of the burst sequence.
The 1Gb SDRAM uses an internal pipelined architecture
to achieve high-speed operation. This architecture is
compatible with the 2n rule of prefetch architectures, but
it also allows the column address to be changed on every
clock cycle to achieve a high-speed, fully random access.
Precharging one bank while accessing one of the other
three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
The 1Gb SDRAM is designed to operate in 3.3V, low-power
memory systems. An auto refresh mode is provided, along
with a power-saving, power-down mode.
All inputs and outputs are LVTTL compatible. SDRAMs offer
substantial advances in DRAM operating performance,
including the ability to synchronously burst data at a high
data rate with automatic column-address generation,
the ability to interleave between internal banks in order
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during a
burst access.
16Mx64 REGISTERED SYNCHRONOUS DRAM
FEATURES
Registered for enhanced performace of bus speeds
• 100, 125, 133MHz
Package:
• 219 Plastic Ball Grid Array (PBGA), 25 x 25mm
Single 3.3V ±0.3V power supply
Fully Synchronous; all signals registered on positive
edge of system clock cycle
Internal pipelined operation; column address can be
changed every clock cycle
Internal banks for hiding row access/precharge
Programmable Burst length 1,2,4,8 or full page
8,192 refresh cycles
Commercial, Industrial and Military Temperature
Ranges
Organized as 16M x 64
• User configureable as 2 x 16M x 32
Weight: WEDPN16M64VR-XB2X - 2.5 grams
typical
BENEFITS
51% SPACE SAVINGS
17% I/O Reduction
Reduced part count
Reduced trace lengths for lower parasitic
capacitance
Glue-less connection to memory controller/PCI
Bridge
Suitable for hi-reliability applications
* This product is subject to change without notice.


Similar Part No. - WEDPN16M64VR-100B2I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64V-100B2C WEDC-WEDPN16M64V-100B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2I WEDC-WEDPN16M64V-100B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-100B2M WEDC-WEDPN16M64V-100B2M Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2C WEDC-WEDPN16M64V-125B2C Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M64V-125B2I WEDC-WEDPN16M64V-125B2I Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
More results

Similar Description - WEDPN16M64VR-100B2I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64V-XB2X WEDC-WEDPN16M64V-XB2X Datasheet
571Kb / 15P
   16Mx64 Synchronous DRAM
WEDPN16M72VR-XB2X WEDC-WEDPN16M72VR-XB2X Datasheet
404Kb / 13P
   16MX72 REGISTERED SYNCHRONOUS DRAM
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com