Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN16M64V-133B2C Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WEDPN16M64V-133B2C
Description  16Mx64 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M64V-133B2C Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WEDPN16M64V-133B2C Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 11Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 12Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 13Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPN16M64V-XB2X
January 2005
Rev. 1
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (NOTES 1, 6)
VCC = +3.3V ±0.3V; -55°C
≤ TA ≤ +125°C
Parameter/Condition
Symbol
Min
Max
Units
Supply Voltage
VCC
33.6
V
Input High Voltage: Logic 1; All inputs (21)
VIH
2VCC + 0.3
V
Input Low Voltage: Logic 0; All inputs (21)
VIL
-0.3
0.8
V
Input Leakage Current: Any input 0V VIN VCC (All other pins not under test = 0V)
II
-5
5
µA
Input Leakage Address Current: Any input 0V VIN VCC (All other pins not under test = 0V)
II
-20
20
µA
Output Leakage Current: I/Os are disabled; 0V VOUT VCC
IOZ
-5
5
µA
Output Levels:
Output High Voltage (IOUT = -4mA)
Output Low Voltage (IOUT = 4mA)
VOH
2.4
V
VOL
–0.4
V
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on VCC, VCCQSupply relative to VSS
-1 to 4.6
V
Voltage on NC or I/O pins relative to VSS
-1 to 4.6
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-55 to +125
°C
NOTE:
Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
CAPACITANCE (NOTE 2)
Parameter
Symbol
Max
Unit
Input Capacitance: CLK
CI1
6
pF
Addresses, BA0-1 Input Capacitance
CA
18
pF
Input Capacitance: All other input-only pins
CI2
7
pF
Input/Output Capacitance: I/Os
CIO
7
pF
IDD SPECIFICATIONS AND CONDITIONS (NOTES 1,6,11,13)
VCC = +3.3V ±0.3V; -55°C
≤ TA ≤ +125°C
Parameter/Condition
Symbol
Max
Units
Operating Current: Active Mode;
Burst = 2; Read or Write; tRC = tRC (min); CAS latency = 3 (3, 18, 19)
ICC1
500
mA
Standby Current: Active Mode; CKE = HIGH; CS = HIGH;
All banks active after tRCD met; No accesses in progress (3, 12, 19)
ICC3
160
mA
Operating Current: Burst Mode; Continuous burst;
Read or Write; All banks active; CAS latency = 3 (3, 18, 19)
ICC4
540
mA
Self Refresh Current: CKE 0.2V (commercial and industrial temperature only) (27)
ICC7
10
mA
BGA THERMAL RESISTANCE
Description
Symbol
Max
Unit
Notes
Junction to Ambient (No Airflow)
θJA
15.6
°C/W
1
Junction to Ball
θJB
10.1
°C/W
1
Junction to Case (Top)
θJC
7.8
°C/W
1
NOTE: Refer to AN #0001 at www.wedc.com in the application notes section for
modeling conditions.


Similar Part No. - WEDPN16M64V-133B2C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64VR-100B2C WEDC-WEDPN16M64VR-100B2C Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-100B2I WEDC-WEDPN16M64VR-100B2I Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-100B2M WEDC-WEDPN16M64VR-100B2M Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-125B2C WEDC-WEDPN16M64VR-125B2C Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-125B2I WEDC-WEDPN16M64VR-125B2I Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
More results

Similar Description - WEDPN16M64V-133B2C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64VR-XB2X WEDC-WEDPN16M64VR-XB2X Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com