Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN16M64V-133B2C Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WEDPN16M64V-133B2C
Description  16Mx64 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M64V-133B2C Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WEDPN16M64V-133B2C Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 11Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 12Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 13Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 14Page - White Electronic Designs Corporation WEDPN16M64V-133B2C Datasheet HTML 15Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPN16M64V-XB2X
January 2005
Rev. 1
ELECTRICAL CHARACTERISTICS AND RECOMMENDED AC OPERATING CHARACTERISTICS
(NOTES 5, 6, 8, 9, 11)
Parameter
Symbol
-100
-125
-133
Unit
Min
Max
Min
Max
Min
Max
Access time from CLK (pos. edge) (28)
CL = 3
tAC (3)
7
6
5.5
ns
CL = 2
tAC (2)
766
ns
Address hold time
tAH
1
1
0.8
ns
Address setup time
tAS
22
1.5
ns
CLK high-level width
tCH
33
2.5
ns
CLK low-level width
tCL
33
2.5
ns
Clock cycle time (22)
CL = 3
tCK (3)
10
8
7.5
ns
CL = 2
tCK (2)
131010
ns
CKE hold time
tCKH
1
1
0.8
ns
CKE setup time (30)
tCKS
22
1.5
ns
CS#, RAS#, CAS#, WE#, DQM hold time
tCMH
1
1
0.8
ns
CS#, RAS#, CAS#, WE#, DQM setup time
tCMS
22
1.5
ns
Data-in hold time
tDH
1
1
0.8
ns
Data-in setup time
tDS
22
1.5
ns
Data-out high-impedance time (10)
CL = 3 (10)
tHZ (3)
7
6
5.5
ns
CL = 2 (10)
tHZ (2)
7
6
6
ns
Data-out low-impedance time
tLZ
1
1
1
ns
Data-out hold time (load)
tOH
3
3
3
ns
Data-out hold time (no load) (29)
tOH
N
1.8
1.8
1.8
ns
ACTIVE to PRECHARGE command
tRAS
50
120,000
50
120,000
50
120,000
ns
ACTIVE to ACTIVE command period
tRC
70
68
68
ns
ACTIVE to READ or WRITE delay
tRCD
20
20
20
ns
Refresh period (8,192 rows) – Commercial, Industrial
tREF
64
64
64
ms
Refresh period (8,192 rows) – Military
tREF
16
16
16
ms
AUTO REFRESH period
tRFC
70
70
70
ns
PRECHARGE command period
tRP
20
20
20
ns
ACTIVE bank A to ACTIVE bank B command
tRRD
20
20
20
ns
Transition time (7)
tT
0.3
1.2
0.3
1.2
0.3
1.2
ns
WRITE recovery time
(23)
tWR
1 CLK +
7ns
1 CLK +
7ns
1 CLK +
7.5ns
(24)
15
15
15
ns
Exit SELF REFRESH to ACTIVE command (20)
tXSR
80
80
75
ns


Similar Part No. - WEDPN16M64V-133B2C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64VR-100B2C WEDC-WEDPN16M64VR-100B2C Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-100B2I WEDC-WEDPN16M64VR-100B2I Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-100B2M WEDC-WEDPN16M64VR-100B2M Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-125B2C WEDC-WEDPN16M64VR-125B2C Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-125B2I WEDC-WEDPN16M64VR-125B2I Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
More results

Similar Description - WEDPN16M64V-133B2C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64VR-XB2X WEDC-WEDPN16M64VR-XB2X Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com