Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDF1M32B-070G2TM5A Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WEDF1M32B-070G2TM5A
Description  1Mx32 5V Flash Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDF1M32B-070G2TM5A Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WEDF1M32B-070G2TM5A Datasheet HTML 1Page - White Electronic Designs Corporation WEDF1M32B-070G2TM5A Datasheet HTML 2Page - White Electronic Designs Corporation WEDF1M32B-070G2TM5A Datasheet HTML 3Page - White Electronic Designs Corporation WEDF1M32B-070G2TM5A Datasheet HTML 4Page - White Electronic Designs Corporation WEDF1M32B-070G2TM5A Datasheet HTML 5Page - White Electronic Designs Corporation WEDF1M32B-070G2TM5A Datasheet HTML 6Page - White Electronic Designs Corporation WEDF1M32B-070G2TM5A Datasheet HTML 7Page - White Electronic Designs Corporation WEDF1M32B-070G2TM5A Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDF1M32B-XXX5
May 1999
Rev.1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED
Pin Configuration for WF1M32B-XG2TX5
Top View
Pin Description
I/O0-31
Data Inputs/Outputs
A0-19
Address Inputs
WE1-4#
Write Enables
CS1-4#
Chip Selects
OE#
Output Enable
RESET#
Reset/Powerdown
VCC
Power Supply
GND
Ground
The White 68 lead G2T CQFP fills the
same fit and function as the JEDEC 68 lead
CQFJ or 68 PLCC. But the G2T has the
TCE and lead inspection advantage of the
CQFP form.
1M x 8
8
I/O0-7
1M x 8
8
I/O8-15
1M x 8
8
I/O16-23
1M x 8
8
I/O24-31
A0-19
OE#
WE1# CS1#
WE2# CS2#
WE3# CS3#
WE4# CS4#
RESET#
Block Diagram
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
9
8
7
6
5
4
3
2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Similar Part No. - WEDF1M32B-070G2TM5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V10D2 WEDC-WED2CG472512V10D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V12D2 WEDC-WED2CG472512V12D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V15D2 WEDC-WED2CG472512V15D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V9D2 WEDC-WED2CG472512V9D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
More results

Similar Description - WEDF1M32B-070G2TM5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com