Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M32V-17G3I Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WS1M32V-17G3I
Description  1Mx32 SRAM 3.3V MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M32V-17G3I Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WS1M32V-17G3I Datasheet HTML 1Page - White Electronic Designs Corporation WS1M32V-17G3I Datasheet HTML 2Page - White Electronic Designs Corporation WS1M32V-17G3I Datasheet HTML 3Page - White Electronic Designs Corporation WS1M32V-17G3I Datasheet HTML 4Page - White Electronic Designs Corporation WS1M32V-17G3I Datasheet HTML 5Page - White Electronic Designs Corporation WS1M32V-17G3I Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WS1M32V-XG3X
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
February, 2001
Rev. 5
PRELIMINARY
TRUTH TABLE
CS#
OE#
WE#
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
4.6
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
4.6
V
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
3.6
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
DC CHARACTERISTICS
VCC = 3.3V ± 0.3V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Units
Input Leakage Current
ILI
VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current (x 32 Mode)
ICC x 32
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 3.6V
520
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz, VCC = 3.6V
400
mA
Output Low Voltage
VOL
IOL = 4.0mA
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
Contact Factory for low power option.
CAPACITANCE
TA = +25°C
Parameter
Symbol Conditions
Max
Unit
OE#1-4 capacitance
COE
VIN = 0V, f = 1.0MHz
20
pF
WE#1-4 capacitance
CWE
VIN = 0V, f = 1.0MHz
20
pF
CS#1-2 capacitance
CCS
VIN = 0V, f = 1.0MHz
50
pF
Data I/O capacitance
CI/O
VI/O = 0V, f = 1.0MHz
20
pF
Address input
capacitance
CAD
VIN = 0V, f = 1.0MHz
70
pF
This parameter is guaranteed by design, but not tested.


Similar Part No. - WS1M32V-17G3I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-17G3C ETC1-WS1M32-17G3C Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3CA ETC1-WS1M32-17G3CA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3I ETC1-WS1M32-17G3I Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3IA ETC1-WS1M32-17G3IA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3M ETC1-WS1M32-17G3M Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
More results

Similar Description - WS1M32V-17G3I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com