Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K16-72HM Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WSF128K16-72HM
Description  128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K16-72HM Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WSF128K16-72HM Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K16-72HM Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K16-XXX
May 2003
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
SCS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
SRAM Operating Supply Current x 16 Mode
ICCx16
SCS# = VIL, OE# = FCS# = VIH, f = 5MHz, VCC = 5.5
360
mA
Standby Current
ISB
FCS# = SCS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
40
mA
SRAM Output Low Voltage
VOL
IOL = 2.1mA, VCC = 4.5
0.4
V
SRAM Output High Voltage
VOH
IOH = -1.0mA, VCC = 4.5
2.4
V
Flash VCC Active Current for Read (1)
ICC1
FCS# = VIL, OE# = SCS# = VIH
100
mA
Flash VCC Active Current for Program or Erase (2)
ICC2
FCS# = VIL, OE# = SCS# = VIH
130
mA
Flash Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.45
V
Flash Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85 x VCC
V
Flash Output High Voltage
VOH2
IOH = -100 µA, VCC = 4.5
VCC -0.4
V
Flash Low VCC Lock Out Voltage
VLKO
3.2
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (@ 5 MHz).
The frequency component typically is less than 2 mA/MHz, with OE# at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
7.0
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
Parameter
Flash Data Retention
10 years
Flash Endurance (write/erase cycles)
10,000
NOTES: 1. Stresses above the absolute maximum rating may cause permanent
damage to the device. Extended operation at the maximum levels may
degrade performance and affect reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
SRAM TRUTH TABLE
SCS#
OE#
SWE#
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Read
High Z
Active
L
X
L
Write
Data In
Active
CAPACITANCE
TA = +25°C
Test
Symbol
Condition
Max Unit
OE# Capacitance
COE
VIN = 0V, f = 1.0MHz
50
pF
F/S WE1-2# Capacitance
CWE
VIN = 0V, f = 1.0MHz
20
pF
F/S CS1-2# Capacitance
CCS
VIN = 0V, f = 1.0MHz
20
pF
SD0-15/FD0-15 Capacitance
CI/O
VIN = 0V, f = 1.0MHz
20
pF
A0 - A16 Capacitance
CAD
VIN = 0V, f = 1.0MHz
50
pF
This parameter is guaranteed by design but not tested.


Similar Part No. - WSF128K16-72HM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16-72HM ETC-WSF128K16-72HM Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WSF128K16-72HMA ETC-WSF128K16-72HMA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results

Similar Description - WSF128K16-72HM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com