Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K32-27H2M Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WSF128K32-27H2M
Description  128KX32 SRAM/FLASH MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K32-27H2M Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WSF128K32-27H2M Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K32-27H2M Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K32-XH2X
October 2004
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY*
128KX32 SRAM/FLASH MODULE
FEATURES
Access Times of 25ns (SRAM) and 70, 90 and
120ns (FLASH)
Packaging:
• 66-pin, PGA Type, 1.385 inch square HIP,
Hermetic Ceramic HIP (Package 402)
128Kx32 SRAM
128Kx32 5V Flash
Organized as 128Kx32 of SRAM and 128Kx32 of
Flash Memory with common Data Bus
Low Power CMOS
Commercial, Industrial and Military Temperature
Ranges
TTL Compatible Inputs and Outputs
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight - 13 grams typical
FLASH MEMORY FEATURES
10,000 Erase/Program Cycles
Sector Architecture
• 8 equal size sectors of 16K bytes each
• Any combination of sectors can be concurrently
erased. Also supports full chip erase
5 Volt Programming; 5V ± 10% Supply
Embedded Erase and Program Algorithms
Hardware Write Protection
Page Program Operation and Internal Program
Control Time.
* This product is under development, not fully characterized, and is subject to change
without notice.
Note: Programming information available upon request.
FIGURE 1 – PIN CONFIGURATION FOR WSF128K32-XH2X
Block Diagram
I/O8
I/O9
I/O10
A14
A16
A11
A0
NC
I/O0
I/O1
I/O2
FWE2#
SWE2#
GND
I/O11
A10
A9
A15
VCC
FCS#
SCS#
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
NC
FWE1#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
SWE1#
A13
A8
I/O16
I/O17
I/O18
VCC
SWE4#
FWE4#
I/O27
A4
A5
A6
FWE3#
SWE3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
Top View
OE#
FCS#
SCS#
A0-16
FWE 1#
SWE 1#F W E 2#S W E 2#F W E 3#S W E 3#F W E 4#S W E 4#
128K x 8 Flash
128K x 8 SRAM
I/O0-7
128K x 8 Flash
128K x 8 SRAM
I/O8-15
128K x 8 Flash
128K x 8 SRAM
I/O16-23
128K x 8 Flash
128K x 8 SRAM
I/O24-31
Pin Description
D0-31
Data Inputs/Outputs
A0-16
Address Inputs
SWE1-4#
SRAM Write Enable
SCS#
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
FWE1-4#
Flash Write Enable
FCS#
Flash Chip Select


Similar Part No. - WSF128K32-27H2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K32-27H2M ETC1-WSF128K32-27H2M Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-27H2MA ETC1-WSF128K32-27H2MA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results

Similar Description - WSF128K32-27H2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com