Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M32V-20G3CA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WS1M32V-20G3CA
Description  1Mx32 SRAM 3.3V MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M32V-20G3CA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WS1M32V-20G3CA Datasheet HTML 1Page - White Electronic Designs Corporation WS1M32V-20G3CA Datasheet HTML 2Page - White Electronic Designs Corporation WS1M32V-20G3CA Datasheet HTML 3Page - White Electronic Designs Corporation WS1M32V-20G3CA Datasheet HTML 4Page - White Electronic Designs Corporation WS1M32V-20G3CA Datasheet HTML 5Page - White Electronic Designs Corporation WS1M32V-20G3CA Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WS1M32V-XG3X
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
February, 2001
Rev. 5
PRELIMINARY
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
IOH
Current Source
D.U.T.
Ceff = 50 pf
IOL
VZ
1.5V
(Bipolar Supply)
Current Source
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 2.5
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
AC CHARACTERISTICS
VCC = 3.3V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-17
-20
-25
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
17
20
25
ns
Address Access Time
tAA
17
20
25
ns
Output Hold from Address Change
tOH
00
0
ns
Chip Select Access Time
tACS
17
20
25
ns
Output Enable to Output Valid
tOE
10
10
12
ns
Chip Select to Output in Low Z
tCLZ1
11
1
ns
Output Enable to Output in Low Z
tOLZ1
00
0
ns
Chip Disable to Output in High Z
tCHZ1
12
12
12
ns
Output Disable to Output in High Z
tOHZ1
12
12
12
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
VCC = 3.3V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-17
-20
-25
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
17
20
25
ns
Chip Select to End of Write
tCW
15
15
17
ns
Address Valid to End of Write
tAW
15
15
17
ns
Data Valid to End of Write
tDW
11
12
13
ns
Write Pulse Width
tWP
15
15
17
ns
Address Setup Time
tAS
22
2
ns
Address Hold Time
tAH
00
0
ns
Output Active from End of Write
tOW1
23
4
ns
Write Enable to Output in High Z
tWHZ1
911
13
ns
Data Hold Time
tDH
00
0
ns
1. This parameter is guaranteed by design but not tested.
AC TEST CIRCUIT


Similar Part No. - WS1M32V-20G3CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-17G3C ETC1-WS1M32-17G3C Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3CA ETC1-WS1M32-17G3CA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3I ETC1-WS1M32-17G3I Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3IA ETC1-WS1M32-17G3IA Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
WS1M32-17G3M ETC1-WS1M32-17G3M Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
More results

Similar Description - WS1M32V-20G3CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com