Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD512K32NV-20H1I Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WD512K32NV-20H1I
Description  512Kx32 SRAM 3.3V MULTICHIP PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WD512K32NV-20H1I Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WD512K32NV-20H1I Datasheet HTML 1Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 2Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 3Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 4Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 5Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 6Page - White Electronic Designs Corporation WD512K32NV-20H1I Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS512K32V-XXX
March
2006
Rev. 12
27.3 (1.075) ± 0.25 (0.010) SQ
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
25.4 (1.0) TYP
0.46 (0.018) ± 0.05 (0.002) DIA
1.42 (0.056) ± 0.13 (0.005)
0.76 (0.030) ± 0.13 (0.005)
1.27 (0.050) TYP DIA
25.4 (1.0) TYP
15.24 (0.600) TYP
2.54 (0.100)
TYP
3.81 (0.150)
± 0.13 (0.005)
4.60 (0.181)
MAX
PACKAGE 510: 68 LEAD, LOW PROFILE CERAMIC QUAD FLAT PACK, CQFP (G2U)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
0.38 (0.015) ± 0.05 (0.002)
0.25 (0.010) ± 0.10 (0.002)
25.15 (0.990) ± 0.25 (0.010) SQ
1.27 (0.050) TYP
24.0 (0.946)
± 0.25 (0.010)
22.36 (0.880) ± 0.25 (0.010) SQ
20.3 (0.800) REF
23.87
(0.940) REF
1.01 (0.040)
± 0.13 (0.005)
0.25 (0.010) REF
1° / 7°
R 0.25
(0.010)
DETAIL A
SEE DETAIL "A"
Pin 1
0.53 (0.021)
± 0.18 (0.007)
3.51 (0.140) MAX
PACKAGE 400: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H1)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WD512K32NV-20H1I

ManufacturerPart #DatasheetDescription
logo
Western Digital Corpora...
WD5000BEVT WESTERN-WD5000BEVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVT WESTERN-WD5000BPVT Datasheet
388Kb / 4P
   WD Scorpio® Blue™ Mobile Hard Drives
Dec 2011
WD5000BPVX WESTERN-WD5000BPVX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPCX WESTERN-WD5000LPCX Datasheet
625Kb / 3P
   WD Blue™ PC Hard Drives
May 2017
WD5000LPLX WESTERN-WD5000LPLX Datasheet
510Kb / 2P
   WD Black 2.5-inch PC Hard Drives are designed for enthusiasts and creative professionals looking for leading-edge performance.
More results

Similar Description - WD512K32NV-20H1I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WEDPS512K32-XBX WEDC-WEDPS512K32-XBX Datasheet
198Kb / 7P
   512Kx32 SRAM MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com