Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K32-90H2M Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WSF128K32-90H2M
Description  128KX32 SRAM/FLASH MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K32-90H2M Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WSF128K32-90H2M Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K32-90H2M Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K32-XH2X
October 2004
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
FLASH AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, FWE# CONTROLLED
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-70
-90
-120
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
70
90
120
ns
Chip Select Setup Time
tELWL
tCS
000
ns
Write Enable Pulse Width
tWLWH
tWP
45
45
50
ns
Address Setup Time
tAVWL
tAS
000
ns
Data Setup Time
tDVWH
tDS
45
45
50
ns
Data Hold Time
tWHDX
tDH
000
ns
Address Hold Time
tWLAX
tAH
45
45
50
ns
Chip Select Hold Time
tWHEH
tCH
000
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
ns
Duration of Byte Programming Operation (min)
tWHWH1
14
14
14
µs
Chip and Sector Erase Time
tWHWH2
2.2
60
2.2
60
2.2
60
sec
Read Recovery Time Before Write
tGHWL
000
µs
VCC Set-up Time
tVCS
50
50
50
µs
Chip Programming Time
12.5
12.5
12.5
sec
Output Enable Setup Time
tOES
000
ns
Output Enable Hold Time (1)
tOEH
10
10
10
ns
1. For Toggle and Data# Polling.
FLASH AC CHARACTERISTICS – READ ONLY OPERATIONS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-70
-90
-120
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
70
90
120
ns
Address Access Time
tAVQV
tACC
70
90
120
ns
Chip Select Access Time
tELQV
tCE
70
90
120
ns
OE# to Output Valid
tGLQV
tOE
35
40
50
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
25
30
ns
OE# High to Output High Z (1)
tGHQZ
tDF
20
25
30
ns
Output Hold from Address, FCS# or OE# Change,
whichever is first
tAXQX
tOH
000
ns
1. Guaranteed by design, not tested.


Similar Part No. - WSF128K32-90H2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K32-22H2C ETC1-WSF128K32-22H2C Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2CA ETC1-WSF128K32-22H2CA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2I ETC1-WSF128K32-22H2I Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2IA ETC1-WSF128K32-22H2IA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2M ETC1-WSF128K32-22H2M Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results

Similar Description - WSF128K32-90H2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com