Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K32-70H2M Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WSF128K32-70H2M
Description  128KX32 SRAM/FLASH MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K32-70H2M Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WSF128K32-70H2M Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K32-XH2X
October 2004
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
SCS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
SRAM Operating Supply Current x 32 Mode
ICCx32
SCS# = VIL, OE# = FCS# = VIH, f = 5MHz, VCC = 5.5
670
mA
Standby Current
ISB
FCS# = SCS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
80
mA
SRAM Output Low Voltage
VOL
IOL = 8mA, VCC = 4.5
0.4
V
SRAM Output High Voltage
VOH
IOH = -4.0mA, VCC = 4.5
2.4
V
Flash VCC Active Current for Read (1)
ICC1
FCS# = VIL, OE# = SCS# = VIH
220
mA
Flash VCC Active Current for Program or
Erase (2)
ICC2
FCS# = VIL, OE# = SCS# = VIH
280
mA
Flash Output Low Voltage
VOL
IOL = 8.0mA, VCC = 4.5
0.45
V
Flash Output High Voltage
VOH1
IOH = -2.5 mA, VCC = 4.5
0.85 x VCC
V
Flash Output High Voltage
VOH2
IOH = -100 µA, VCC = 4.5
VCC -0.4
V
Flash Low VCC Lock Out Voltage
VLKO
3.2
V
NOTES:
1. The ICC current listed includes both the DC operating current and the frequency dependent component (@ 5 MHz).
The frequency component typically is less than 2 mA/MHz, with OE# at VIH.
2. ICC active while Embedded Algorithm (program or erase) is in progress.
3. DC test conditions: VIL = 0.3V, VIH = VCC - 0.3V
SRAM TRUTH TABLE
SCS#
OE#
SWE#
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
H
H
Read
High Z
Active
L
X
L
Write
Data In
Active
NOTE:
1. FCS# must remain high when SCS# is low.
CAPACITANCE
Ta = +25°C
Parameter
Symbol
Conditions
Max Unit
OE# capacitance
COE
VIN = 0 V, f = 1.0 MHz
80
pF
F/S WE1-4# capacitance
CWE
VIN = 0 V, f = 1.0 MHz
30
pF
F/S CS# capacitance
CCS
VIN = 0 V, f = 1.0 MHz
50
pF
D0-31 capacitance
CI/O
VIN = 0 V, f = 1.0 MHz
30
pF
A0-16 capacitance
CAD
VIN = 0 V, f = 1.0 MHz
80
pF
This parameter is guaranteed by design but not tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
7.0
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
Parameter
Flash Data Retention
10 years
Flash Endurance (write/erase cycles)
10,000
NOTE:
1. Stresses above the absolute maximum rating may cause permanent damage to the
device. Extended operation at the maximum levels may degrade performance and
affect reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V


Similar Part No. - WSF128K32-70H2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K32-22H2C ETC1-WSF128K32-22H2C Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2CA ETC1-WSF128K32-22H2CA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2I ETC1-WSF128K32-22H2I Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2IA ETC1-WSF128K32-22H2IA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2M ETC1-WSF128K32-22H2M Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results

Similar Description - WSF128K32-70H2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com