Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF128K32-70H2M Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WSF128K32-70H2M
Description  128KX32 SRAM/FLASH MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSF128K32-70H2M Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WSF128K32-70H2M Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K32-70H2M Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WSF128K32-XH2X
October 2004
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
I
Current Source
D.U.T.
C
= 50 pf
eff
I OL
V ≈ 1.5V
(Bipolar Supply)
Z
Current Source
OH
SRAM AC CHARACTERISTICS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Read Cycle
Symbol
-25
Units
Min
Max
Read Cycle Time
tRC
25
ns
Address Access Time
tAA
25
ns
Output Hold from Address Change
tOH
0ns
Chip Select Access Time
tACS
25
ns
Output Enable to Output Valid
tOE
15
ns
Chip Select to Output in Low Z
tCLZ1
3ns
Output Enable to Output in Low Z
tOLZ1
0ns
Chip Disable to Output in High Z
tCHZ1
12
ns
Output Disable to Output in High Z
tOHZ1
12
ns
1. This parameter is guaranteed by design but not tested.
SRAM AC CHARACTERISTICS
VCC = 5.0V, -55°C ≤ TA ≤ +125°C
Parameter
Write Cycle
Symbol
-25
Units
Min
Max
Write Cycle Time
tWC
25
ns
Chip Select to End of Write
tCW
20
ns
Address Valid to End of Write
tAW
20
ns
Data Valid to End of Write
tDW
15
ns
Write Pulse Width
tWP
20
ns
Address Setup Time
tAS
3ns
Address Hold Time
tAH
0ns
Output Active from End of Write
tOW1
3ns
Write Enable to Output in High Z
tWHZ1
15
ns
Data Hold from Write Time
tDH
0ns
1. This parameter is guaranteed by design but not tested.
FIGURE 2 – AC TEST CIRCUIT
AC Test Conditions
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.


Similar Part No. - WSF128K32-70H2M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K32-22H2C ETC1-WSF128K32-22H2C Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2CA ETC1-WSF128K32-22H2CA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2I ETC1-WSF128K32-22H2I Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2IA ETC1-WSF128K32-22H2IA Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
WSF128K32-22H2M ETC1-WSF128K32-22H2M Datasheet
223Kb / 12P
   128K x 32 SRAM/FLASH MODULE
More results

Similar Description - WSF128K32-70H2M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com