Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG72256V10AD2I-MG Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG72256V10AD2I-MG
Description  2GB - 2x128Mx72 SDRAM, REGISTERED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG72256V10AD2I-MG Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG72256V10AD2I-MG Datasheet HTML 1Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 2Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 3Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 4Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 5Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 6Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 7Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 8Page - White Electronic Designs Corporation W3DG72256V10AD2I-MG Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
WV3DG72256V-AD2
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2006
Rev. 0
AC OPERATING TEST CONDITIONS
VCC = 3.3V, 0°C
TA 70°C
Parameter
Value
Units
AC Input level (VIN/VIL)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
AC OPERATING TEST CONDITIONS
Parameter
Symbol
Value
Units
Notes
133/100
Row active to row active delay
tRRD(MIN)
15
ns
1
RAS# to CAS# delay
tRCD(MIN)
20
ns
1
Row Precharge time
tRP(MIN)
20
ns
1
Row active time
tRAS(MIN)
45
ns
1
tRAS(MAX)
100
µs
Row cycle time
tRC(MIN)
65
ns
1
Last data in to row precharge
tRDL(MIN)
2
CLK
2
Last data in to Active delay
tDAL(MIN)
2 CLK + tRP
Last data in to new col. address delay
tCDL(MIN)
1
CLK
1
Last data in to burst stop
tBDL(MIN)
1
CLK
2
Col. address to col. address delay
tCCD(MIN)
1
CLK
2
Number of valid output data
CAS Latency = 3
2
CLK
3
Cas Latency = 2
1
ea
4
Notes: 1. The minimum number of clock cycles is determined by driving the minimum time required with clock cycle time and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
3.3V
1220
870
Output
VOH (DC)=2.4V, IOH=-2mA
VOL (DC)=2.4V, IOL=-2mA
(Fig. 1) DC output load circuit
(Fig. 2) AC output load circuit
50pF
VTT=1.4V
50
Output
50pF
Z0 = 50
PRELIMINARY*


Similar Part No. - W3DG72256V10AD2I-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72256V10D2 WEDC-W3DG72256V10D2 Datasheet
129Kb / 6P
   2GB - 256Mx72 SDRAM, REGISTER and SPD, w/PLL
More results

Similar Description - W3DG72256V10AD2I-MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72AER-D6 WEDC-WV3HG2128M72AER-D6 Datasheet
152Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3HG2128M72ACER-AD6 WEDC-W3HG2128M72ACER-AD6 Datasheet
242Kb / 13P
   2GB - 2x128Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP
W3EG72255S-D3 WEDC-W3EG72255S-D3 Datasheet
247Kb / 15P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL
W3EG2128M72AFSR-D3 WEDC-W3EG2128M72AFSR-D3 Datasheet
272Kb / 13P
   2GB - 2x128Mx72 DDR SDRAM REGISTERED ECC, w/PLL, FBGA
WV3HG2128M72EEU-D6 WEDC-WV3HG2128M72EEU-D6 Datasheet
194Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED DIMM
logo
Elpida Memory
EBS21RC2ACNA ELPIDA-EBS21RC2ACNA Datasheet
149Kb / 15P
   2GB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com