Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M8V-45CCA Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WS1M8V-45CCA
Description  2x512Kx8 DUALITHICTM SRAM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M8V-45CCA Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WS1M8V-45CCA Datasheet HTML 1Page - White Electronic Designs Corporation WS1M8V-45CCA Datasheet HTML 2Page - White Electronic Designs Corporation WS1M8V-45CCA Datasheet HTML 3Page - White Electronic Designs Corporation WS1M8V-45CCA Datasheet HTML 4Page - White Electronic Designs Corporation WS1M8V-45CCA Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WS1M8V-XCX
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October, 2002
Rev. 2
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED*
2x512Kx8 DUALITHIC™ SRAM
FEATURES
Access Times 17, 20, 25, 35, 45, 55ns
Evolutionary, Corner Power/Ground Pinout
Packaging:
• 32 pin, Hermetic Ceramic DIP (Package 300)
Organized as two banks of 512Kx8
Commercial, Industrial and Military Temperature
Ranges
3.3V Power Supply
Low Power CMOS
TTL Compatible Inputs and Outputs
Output Enable Internally tied to GND.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
NOTE:
1. CS#1 and CS#2 are used to select the lower and upper 512Kx8 of the
device. CS#1 and CS#2 must not be enabled at the same time.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
A17
WE#
A13
A8
A9
A11
CS2#
A10
CS1#
I/O7
I/O6
I/O5
I/O4
I/O3
PIN CONFIGURATION FOR WS1M8V-XCX
32 DIP
TOP VIEW
BLOCK DIAGRAM
512K x 8
512K x 8
A0-18
WE#
CS 1#
CS 2#
I/O0-7
(1)
(1)
A0-18
Address Inputs
I/O0-7
Data Input/Output
CS#1-2
Chip Selects
WE#
Write Enable
VCC
+3.3V Power Supply
GND
Ground
PIN DESCRIPTION


Similar Part No. - WS1M8V-45CCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-100CC WEDC-WS1M8-100CC Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CCA WEDC-WS1M8-100CCA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CI WEDC-WS1M8-100CI Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CIA WEDC-WS1M8-100CIA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CM WEDC-WS1M8-100CM Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
More results

Similar Description - WS1M8V-45CCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-XCX WEDC-WS1M8-XCX Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-XXX WEDC-WS1M8-XXX Datasheet
361Kb / 6P
   2x512Kx8 DUALITHICTM SRAM
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com