Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG32M40SEU403PD4EG Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WV3HG32M40SEU403PD4EG
Description  128MB - 32Mx40 DDR2 SDRAM UNBUFFERED, ECC, w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG32M40SEU403PD4EG Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WV3HG32M40SEU403PD4EG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 9Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 10Page - White Electronic Designs Corporation WV3HG32M40SEU403PD4EG Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
WV3HG32M40SEU-PD4
June 2006
Rev. 2
ADVANCED
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
3.302 (0.130)
MAX
1.10 (0.043)
0.90 (0.035)
PIN 1
67.75 (2.667)
67.45 (2.656)
20.00 (0.787)
TYP
1.80 (0.071)
(2X)
0.60 (0.024)
TYP
0.45 (0.018)
TYP
PIN 199
PIN 200
PIN 2
2.15 (0.085)
6.00 (0.236)
63.60 (2.504)
2.55 (0.100)
1.00 (0.039)
TYP
TYP
BACK VIEW
FRONT VIEW
30.15 (1.187)
29.85 (1.175)
47.40 (1.866)
TYP
11.40 (0.449)
TYP
4.2 (0.165)
TYP
4.10(0.161) (2X)
3.90(0.154)
PACKAGE DIMENSIONS FOR PD4
** ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR PD4
Part Number
Clock/Data Rate
Frequency
CAS Latency
tRCD
tRP
Height**
WV3HG32M40SEU665PD4xxG*
333MHz/667Mb/s
5
5
5
30.00mm (1.181") TYP
WV3HG32M40SEU534PD4xxG
266MHz/533Mb/s
4
4
4
30.00mm (1.181") TYP
WV3HG32M40SEU403PD4xxG
200MHz/400Mb/s
3
3
3
30.00mm (1.181") TYP
* Consult Factory for availability
NOTES:
• RoHS product. ("G" = RoHS Compliant)
• Vendor specific part numbers are used to provide memory components source control. The place holder for this is shown as lower case “x” in the part numbers above and is to be
replaced with the respective vendors code. Consult factory for qualified sourcing options. (M = Micron, S = Samsung, Elpida & consult factory for others)
• Consult factory for availability of industrial temperature (-40°C to 85°C) option


Similar Part No. - WV3HG32M40SEU403PD4EG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG128M72AER403AD6EG WEDC-WV3HG128M72AER403AD6EG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IEG WEDC-WV3HG128M72AER403AD6IEG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
WV3HG128M72AER403AD6IMG WEDC-WV3HG128M72AER403AD6IMG Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
More results

Similar Description - WV3HG32M40SEU403PD4EG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG2128M72EEU-AD4 WEDC-WV3HG2128M72EEU-AD4 Datasheet
180Kb / 11P
   2GB - 2x128Mx72 DDR2 SDRAM UNBUFFERED, ECC w/PLL
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3EG7217S-D3 WEDC-W3EG7217S-D3 Datasheet
276Kb / 12P
   128MB - 16Mx72 DDR SDRAM REGISTERED, ECC w/PLL
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3EG7264S-AD4 WEDC-W3EG7264S-AD4 Datasheet
197Kb / 13P
   512MB - 2x32Mx72 DDR ECC SDRAM UNBUFFERED w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com