Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE128K16-42G2TMA Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WSE128K16-42G2TMA
Description  128Kx16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WSE128K16-42G2TMA Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WSE128K16-42G2TMA Datasheet HTML 1Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 2Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 3Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 4Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 5Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 6Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 7Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 8Page - White Electronic Designs Corporation WSE128K16-42G2TMA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
WSE128K16-XXX
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
March 2005
Rev. 3
128Kx16 SRAM/EEPROM MODULE
FEATURES
Access Times of 35ns (SRAM) and 150ns (EEPROM)
Access Times of 45ns (SRAM) and 120ns (EEPROM)
Access Times of 70ns (SRAM) and 300ns (EEPROM)
Packaging
• 66 pin, PGA Type, 1.075" square HIP, Hermetic
Ceramic HIP (H1) (Package 400)
• 68 lead, Hermetic CQFP (G2T), 22mm (0.880")
square (Package 509). Designed to fit JEDEC 68
lead 0.990" CQFJ footprint (FIGURE 2)
128Kx16 SRAM
128Kx16 EEPROM
Organized as 128Kx16 of SRAM and 128Kx16 of
EEPROM Memory with separate Data Buses
Both blocks of memory are User Configurable as
256Kx8
Low Power CMOS
BLOCK DIAGRAM
PIN DESCRIPTION
ED0-15
EEPROM Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-16
Address Inputs
SWE#1-2
SRAM Write Enable
SCS#1-2
SRAM Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
EWE#1-2
EEPROM Write Enable
ECS#1-2
EEPROM Chip Select
Top View
FIGURE 1 – WSE128K16-XH1X PIN
CONFIGURATION
Commercial, Industrial and Military Temperature
Ranges
TTL Compatible Inputs and Outputs
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation
Weight - 13 grams typical
EEPROM MEMORY FEATURES
Write Endurance 10,000 Cycles
Data Retention at 25°C, 10 Years
Low Power CMOS Operation
Automatic Page Write Operation
Page Write Cycle Time 10ms Max.
Data Polling for End of Write Detection
Hardware and Software Data Protection
TTL Compatible Inputs and Outputs
* This product is under development, is not qualified or characterized and is subject to
change without notice.
SD8
SD9
SD10
A13
A14
A15
A16
NC
SD0
SD1
SD2
11
22
33
44
55
66
112
23
34
45
56
ED8
ED9
ED10
A6
A7
NC
A8
A9
ED0
ED1
ED2
SD15
SD14
SD13
SD12
OE#
NC
SWE#1
SD7
SD6
SD5
SD4
SWE2#
SCS2#
GND
SD11
A10
A11
A12
VCC
SCS1#
NC
SD3
ED15
ED14
ED13
ED12
A0
A1
A2
ED7
ED6
ED5
ED5
VCC
ECS2#
EWE2#
ED11
A3
A4
A5
EWE1#
ECS1#
GND
ED3
EWE1# ECS1#
EWE2# ECS2#
SWE2# SCS2#
128K x 8
SRAM
8
SD0-7
128K x 8
SRAM
8
SD8-15
128K x 8
EEPROM
8
ED0-7
128K x 8
EEPROM
8
ED8-15
A0-16
OE#
SWE1# SCS1#


Similar Part No. - WSE128K16-42G2TMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-42H1C ETC-WSE128K16-42H1C Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1CA ETC-WSE128K16-42H1CA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1I ETC-WSE128K16-42H1I Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1IA ETC-WSE128K16-42H1IA Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WSE128K16-42H1M ETC-WSE128K16-42H1M Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-42G2TMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com