Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG64M64EEU665D4SG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3HG64M64EEU665D4SG
Description  512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M64EEU665D4SG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG64M64EEU665D4SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M64EEU665D4SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WV3HG64M64EEU-D4
May 2006
Rev. 2
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VCC
Voltage on VCC pin relative to VSS
-0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
-0.5
2.3
V
TSTG
Storage Temperature
-55
100
˚C
IL
Input leakage current; Any input 0V<VIN<VCC; VREF iput
0V<VIN<0.95V; Other pins not under test = 0V
Command/Address,
RAS#, CAS#, WE#
-80
80
uA
CS#, CKE
-40
40
uA
CK, CK#
-20
20
uA
DM
-5
5
uA
IOZ
Output leakage current; 0V<VIN<VCC; DQs and ODT are
disable
DQ, DQS, DQS#
-5
5
uA
IVREF
VREF leakage current; VREF = Valid VREF level
-16
16
uA
DC OPERATING CONDITIONS
All voltages referenced to VSS
Parameter
Symbol
Rating
Units
Notes
Min.
Type
Max.
Supply Voltage
VCC
1.7
1.8
1.9
V
I/O Reference Voltage
VREF
0.49 x VCC
0.50 x VCC
0.51 x VCC
V1
I/O Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
2
Notes:
1. VREF is expected to equal VCC/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/-1percent of the DC
value. Peak-to-peak AC noise on VREF may not excedd +/-2 persent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor.
2. VTT in sot applied directly to the device. VTT is a system supply for signal terminaion resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.


Similar Part No. - WV3HG64M64EEU665D4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M64EEU665D6GG WEDC-WV3HG64M64EEU665D6GG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU665D6MG WEDC-WV3HG64M64EEU665D6MG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU665D6SG WEDC-WV3HG64M64EEU665D6SG Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG64M64EEU665D4SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51UD8AJWA ELPIDA-EBE51UD8AJWA Datasheet
244Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com