Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG64M32EEU665D4ISG Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WV3HG64M32EEU665D4ISG
Description  256MB - 64Mx32 DDR2 SDRAM UNBUFFERED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M32EEU665D4ISG Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WV3HG64M32EEU665D4ISG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M32EEU665D4ISG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
WV3HG64M32EEU-D4
May 2006
Rev. 2
ADVANCED
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PIN NAMES
SYMBOL
DESCRIPTION
A0-A13
Address input
ODT0
On-Die Termination
CK0, CK0#
Differential Clock Inputs
CKE0
Clock Enable input
CS0#
Chip select
RAS#, CAS#, WE# Command Inputs
BA0, BA1
Bank Address Inputs
DM0-DM3
Input Data Mask
A10/AP
Address input/Auto precharge
DQ0-DQ31
Data Input/Output
DQS0-DQS3
DQS0#-DQS3#
Data Strobe
SCL
Serial Clock for Presence Detect
SA0-SA1
Presence Detect Address Inputs
SDA
Serial Presence Detect Data
VCC
Power Supply: +1.8V ±0.1V
VREF
SSTL_18 reference voltage
VSS
Ground
VCCSPD
Serial EEPROM Positive Power
Supply
NC
No Connect
PIN CONFIGURATION
PIN#
SYMBOL
PIN#
SYMBOL
PIN#
SYMBOL
PIN#
SYMBOL
1
VREF
51
DQS2
101
A1
151
NC
2VSS
52
DM2
102
A0
152
NC
3VSS
53
VSS
103
VCC
153
NC
4
DQ4
54
VSS
104
VCC
154
NC
5
DQ0
55
DQ18
105
A10/AP
155
VSS
6
DQ5
56
DQ22
106
BA1
156
VSS
7
DQ1
57
DQ19
107
BA0
157
NC
8VSS
58
DQ23
108
RAS#
158
NC
9VSS
59
VSS
109
WE#
159
NC
10
DM0
60
VSS
110
CS0#
160
NC
11
DQS0#
61
DQ24
111
VCC
161
VSS
12
VSS
62
DQ28
112
VCC
162
VSS
13
DQS0
63
DQ25
113
CAS#
163
NC
14
DQ6
64
DQ29
114
ODT0
164
NC
15
VSS
65
VSS
115
NC
165
VSS
16
DQ7
66
VSS
116
A13
166
NC
17
DQ2
67
DM3
117
VCC
167
NC
18
VSS
68
DQS3#
118
VCC
168
VSS
19
DQ3
69
NC
119
NC
169
NC
20
DQ12
70
DQS3
120
NC
170
NC
21
VSS
71
VSS
121
VSS
171
VSS
22
DQ13
72
VSS
122
VSS
172
VSS
23
DQ8
73
DQ26
123
NC
173
NC
24
VSS
74
DQ30
124
NC
174
NC
25
DQ9
75
DQ27
125
NC
175
NC
26
DM1
76
DQ31
126
NC
176
NC
27
VSS
77
VSS
127
VSS
177
VSS
28
VSS
78
VSS
128
VSS
178
VSS
29
DQS1#
79
CKE0
129
NC
179
NC
30
CK0
80
NC
130
NC
180
NC
31
DQS1
81
VCC
131
NC
181
NC
32
CK0#
82
VCC
132
VSS
182
NC
33
VSS
83
NC
133
VSS
183
VSS
34
VSS
84
NC
134
NC
184
VSS
35
DQ10
85
NC
135
NC
185
NC
36
DQ14
86
NC
136
NC
186
NC
37
DQ11
87
VCC
137
NC
187
VSS
38
DQ15
88
VCC
138
VSS
188
NC
39
VSS
89
A12
139
VSS
189
NC
40
VSS
90
A11
140
NC
190
VSS
41
VSS
91
A9
141
NC
191
NC
42
VSS
92
A7
142
NC
192
NC
43
DQ16
93
A8
143
NC
193
VSS
44
DQ20
94
A6
144
VSS
194
NC
45
DQ17
95
VCC
145
VSS
195
SDA
46
DQ21
96
VCC
146
NC
196
VSS
47
VSS
97
A5
147
NC
197
SCL
48
VSS
98
A4
148
NC
198
SA0
49
DQS2#
99
A3
149
VSS
199
VCCSPD
50
NC
100
A2
150
VSS
200
SA1


Similar Part No. - WV3HG64M32EEU665D4ISG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU-D6 WEDC-WV3HG64M64EEU-D6 Datasheet
185Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG64M64EEU403D4IMG WEDC-WV3HG64M64EEU403D4IMG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4ISG WEDC-WV3HG64M64EEU403D4ISG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M64EEU403D4MG WEDC-WV3HG64M64EEU403D4MG Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
More results

Similar Description - WV3HG64M32EEU665D4ISG

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFV ELPIDA-EBE25UC8AAFV Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
H5PS2562GFR HYNIX-H5PS2562GFR Datasheet
1Mb / 61P
   256Mb DDR2 SDRAM
HY5PS561621AFP-E3 HYNIX-HY5PS561621AFP-E3 Datasheet
2Mb / 34P
   256Mb DDR2 SDRAM
HY5PS56421LF-E3 HYNIX-HY5PS56421LF-E3 Datasheet
614Kb / 35P
   256Mb DDR2 SDRAM
logo
White Electronic Design...
W3DG7232V-D1 WEDC-W3DG7232V-D1 Datasheet
225Kb / 7P
   256MB - 32Mx72 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com