Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K32N-70G2UMA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WS128K32N-70G2UMA
Description  128Kx32 SRAM MODULE, SMD 5962-93187
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS128K32N-70G2UMA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WS128K32N-70G2UMA Datasheet HTML 1Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 2Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 3Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 4Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 5Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 6Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 7Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 8Page - White Electronic Designs Corporation WS128K32N-70G2UMA Datasheet HTML 9Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS128K32-XXX
June 2004
Rev. 4
DATA RETENTION CHARACTERISTICS
-55°C ≤ TA ≤ +125°C
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
VCC+0.5
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
7.0
V
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
CS
OE
WE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
OE# capacitance
COE
VIN = 0V, f = 1.0 MHz
50
pF
WE1-4# capacitance
HIP (PGA)
CWE
VIN = 0V, f = 1.0 MHz
20
pF
CQFP G4T
50
CQFP G2U
15
CS1-4# capacitance
CCS
VIN = 0V, f = 1.0 MHz
20
pF
Data# I/O capacitance
CI/O
VI/O = 0V, f = 1.0 MHz
20
pF
Address input capacitance
CAD
VIN = 0V, f = 1.0 MHz
50
pF
This parameter is guaranteed by design but not tested.
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Sym
Conditions
-70
-85
-100
-120
Units
Min
Max
Min
Max
Min
Max
Min
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
10
10
10
µA
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
10
10
10
µA
Operating Supply Current
ICC
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 5.5
120
120
120
120
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
20
20
20
20
mA
Output Low Voltage
VOL
IOL = 2.1mA, VCC = 4.5
0.4
0.4
0.4
0.4
V
Output High Voltage
VOH
IOH = -1.0mA, VCC = 4.5
2.4
2.4
2.4
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
Parameter
Sym
Conditions
-70
-85
-100
-120
Units
Min
Max
Min
Max
Min
Max
Min
Max
Data Retention Supply Voltage
VDR
CS
≥VCC -0.2V
2.0
5.5
2.0
5.5
2.0
5.5
2.0
5.5
V
Data Retention Current
ICCDR1
VCC = 3V
4444
mA


Similar Part No. - WS128K32N-70G2UMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32N-35G2TCE WEDC-WS128K32N-35G2TCE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TCEA WEDC-WS128K32N-35G2TCEA Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TIE WEDC-WS128K32N-35G2TIE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TIEA WEDC-WS128K32N-35G2TIEA Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS128K32N-35G2TME WEDC-WS128K32N-35G2TME Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
More results

Similar Description - WS128K32N-70G2UMA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WS512K32-15G1 ETC-WS512K32-15G1 Datasheet
614Kb / 11P
   512K X 32 SRAM MODULE SMD 5962-94611
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com