Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M8-45FMA Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WS1M8-45FMA
Description  2x512Kx8 DUALITHICTM SRAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M8-45FMA Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WS1M8-45FMA Datasheet HTML 1Page - White Electronic Designs Corporation WS1M8-45FMA Datasheet HTML 2Page - White Electronic Designs Corporation WS1M8-45FMA Datasheet HTML 3Page - White Electronic Designs Corporation WS1M8-45FMA Datasheet HTML 4Page - White Electronic Designs Corporation WS1M8-45FMA Datasheet HTML 5Page - White Electronic Designs Corporation WS1M8-45FMA Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS1M8-XXX
July 2004
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE 100: 36 LEAD, CERAMIC SOJ
1.27 (0.050) TYP
23.37 (0.920) ± 0.25 (0.010)
PIN 1 IDENTIFIER
21.59 (0.850) TYP
11.3 (0.446)
± 0.2 (0.009)
0.43 (0.017)
± 0.05 (0.002)
4.76 (0.184) MAX
0.89 (0.035)
Radius TYP
0.20 (0.008)
± 0.05 (0.002)
9.55 (0.376) ± 0.25 (0.010)
1.27 (0.050) ± 0.25 (0.010)
PACKAGE 226: 36 LEAD, CERAMIC FLAT PACK
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
23.37 (0.920)
± 0.25 (0.010)
32.64 (1.285) TYP
12.95 (0.510)
± 0.13 (0.005)
3.8 (0.150)
TYP
3.18 (0.125)
MAX
0.127 (0.005)
± 0.05 (0.002)
PIN 1
IDENTIFIER
1.27 (0.050) TYP
21.59 (0.850) TYP
38.1 (1.50) ± 0.4 (0.015)
12.7 (0.500)
± 0.5 (0.020)
5.1 (0.200)
± 0.25 (0.010)
0.43 (0.017)
± 0.05 (0.002)
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WS1M8-45FMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-100CC WEDC-WS1M8-100CC Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CCA WEDC-WS1M8-100CCA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CI WEDC-WS1M8-100CI Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CIA WEDC-WS1M8-100CIA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CM WEDC-WS1M8-100CM Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
More results

Similar Description - WS1M8-45FMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8V-XCX WEDC-WS1M8V-XCX Datasheet
263Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-XCX WEDC-WS1M8-XCX Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com