Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG64M72EER403D7SG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WV3HG64M72EER403D7SG
Description  512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG64M72EER403D7SG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG64M72EER403D7SG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG64M72EER403D7SG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WV3HG64M72EER-D7
February 2006
Rev. 2
PRELIMINARY
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
DC OPERATING CONDITIONS
All voltages referenced to VSS
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Supply voltage
VCC
1 .7
1 .8
1 .9
V
1
I/O Supply voltage
VCCQ
1 .7
1 .8
1 .9
V
4
VCCL Supply voltage
VCCL
1 .7
1 .8
1 .9
V
4
I/O Reference voltage
VREF
0.49 x VCCQ
0.50 x VCCQ
0.51 x VCCQ
V2
I/O Termination voltage
VTT
VREF-0.04
VREF
VREF + 0.04
V
3
Notes:
1. VCC VCCQ must track each other. VCCQ must be less than or equal to VCC.
2. VREF is expected to equal VCCQ/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed ±1 percent of the DC
value. Peak-to-peak AC noise on VREF may not exceed ±2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor.
3. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
4. VCCQ tracks with VCC; VCCL track with VCC.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
MIN
MAX
Unit
VCC
Voltage on VCC pin relative to VSS
-1.0
2.3
V
VCCQ
Voltage on VCCQ pin relative to VSS
-0.5
2.3
V
VCCL
Voltage on VCCL pin relative to VSS
-0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
-0.5
2.3
V
TSTG
Storage temperature
-55
100
°C
TCASE
Device operating temperature
0
85
°C
IL
Input leakage current; Any input 0V<VIN<VCC; VREF input
0V<VIN<0.95V; Other pins not under test = 0V
Command/Address,
RAS#, CAS#, WE#,
CS#, CKE
-5
5
µA
CK, CK#
-10
10
µA
DM
-5
5
µA
IOZ
Output leakage current;
0V<VOUT<VCCQ; DQs and ODT are disable
DQ, DQS, DQS#
-5
5
µA
IVREF
VREF leakage current; VREF = Valid VREF level
-18
18
µA
INPUT/OUTPUT CAPACITANCE
TA=25 0 C, f=1 00MHz
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 - A13, BA0 - BA1 ,RAS#,CAS#,WE#)
CIN1
6.5
7.5
pF
Input capacitance ( CKE0), (ODT0)
CIN2
6.5
7.5
pF
Input capacitance (CS0#)
CIN3
6.5
7.5
pF
Input capacitance (CK0, CK0#)
CIN4
67
pF
Input capacitance (DM0 - DM8), (DQS0 - DQS8)
CIN5
6.5
8
pF
Input capacitance (DQ0 - DQ63), (CB0 - CB7)
COUT1
6.5
8
pF


Similar Part No. - WV3HG64M72EER403D7SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG64M72EER403D6IMG WEDC-WV3HG64M72EER403D6IMG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER403D6ISG WEDC-WV3HG64M72EER403D6ISG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER403D6MG WEDC-WV3HG64M72EER403D6MG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER403D6SG WEDC-WV3HG64M72EER403D6SG Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
More results

Similar Description - WV3HG64M72EER403D7SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3HG64M72EER-AD7 WEDC-W3HG64M72EER-AD7 Datasheet
195Kb / 14P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG64M72EER-D6 WEDC-WV3HG64M72EER-D6 Datasheet
179Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED DIMM, w/PLL
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com