Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA733Q Datasheet(PDF) 2 Page - ON Semiconductor

Part # LA733Q
Description  Amplifier Transistors (PNP Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA733Q Datasheet(HTML) 2 Page - ON Semiconductor

  LA733Q Datasheet HTML 1Page - ON Semiconductor LA733Q Datasheet HTML 2Page - ON Semiconductor LA733Q Datasheet HTML 3Page - ON Semiconductor LA733Q Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA733P, LA733Q
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector–Emitter Breakdown Voltage
(IC = –1.0 mAdc, IB = 0)
V(BR)CEO
–48
Vdc
Collector–Base Breakdown Voltage
(IC = –10 mAdc, IE = 0)
V(BR)CBO
–60
Vdc
Emitter–Base Breakdown Voltage
(IE = –10 mAdc, IC = 0)
V(BR)EBO
–5.0
Vdc
Collector–Base Leakage Current
(VCB = –60 V)
ICBO
–100
nAdc
Emitter–Base Leakage Current
(VEB = –5.0 V, IC = 0)
IEBO
–100
nAdc
Collector–Emitter Leakage Current
(VCE = –50 V)
ICEO
–1.0
mA
ON CHARACTERISTICS
DC Current Gain
(IC = –1.0 mAdc, VCE = –6.0 Vdc)
LA733P
LA733Q
hFE
200
135
400
270
Collector–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
VCE(sat)
–0.3
Vdc
Base–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
VBE(sat)
–0.9
Vdc
Base–Emitter On Voltage
(IC = –1.0 mAdc, VCE = –6.0 Vdc)
VBE(on)
–0.55
–0.68
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = –10 mAdc, VCE = –6.0 Vdc, f = 20 MHz)
fT
100
450
MHz
Common–Base Output Capacitance
(VCB = –60 Vdc, IC = 0, f = 1.0 MHz)
Cob
7.0
pF
Noise Figure
(IC = –0.3 mAdc, VCE = –6.0 Vdc,
RG = 10 kW, f = 100 mHz)
NF
18
dB


Similar Part No. - LA733Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7330 SANYO-LA7330 Datasheet
235Kb / 5P
   Chroma Signal Processor for VHS VTR Use
LA7330M SANYO-LA7330M Datasheet
235Kb / 5P
   Chroma Signal Processor for VHS VTR Use
LA7331N SANYO-LA7331N Datasheet
235Kb / 5P
   Chroma Signal Processor for VHS VTR Use
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Motorola, Inc
LA733P MOTOROLA-LA733P Datasheet
126Kb / 4P
   Amplifier Transistors (PNP)
More results

Similar Description - LA733Q

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com