Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WV3HG264M72EEU806D7ISG Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WV3HG264M72EEU806D7ISG
Description  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU806D7ISG Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WV3HG264M72EEU806D7ISG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU806D7ISG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WV3HG264M72EEU-D7
May 2006
Rev. 0
ADVANCED
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
FUNCTIONAL BLOCK DIAGRAM
CS#
DM/
RDQS
CS1#
CS0#
DQS0
DQS0#
DM0
DQS1
DQS1#
DM1
DQS2
DQS2#
DM2
DQS3
DQS3#
DM3
DQS7
DQS7#
DM7
DQS6
DQS6#
DM6
DQS5
DQS5#
DM5
DQS4
DQS4#
DM4
DQS8
DQS8#
DM8
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
CS#
DM/
RDQS
DQS
DQS#
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
Serial PD
SA0 SA1 SA2
A0
WP
A1
A2
SDA
SCL
VCCSPD
VCC/VCCQ
VREF
VSS
Serial PD
DDR2 SDRAMs
DDR2 SDRAMs
DDR2 SDRAMs
CS1#
BA0-BA1
A0-A13
RAS#
CAS#
WE#
CKE0
CKE1
CS1# : DDR2 SDRAMs
BA0-BA1 : DDR2 SDRAMs
A0-A13 : DDR2 SDRAMs
RAS# : DDR2 SDRAMs
CAS# : DDR2 SDRAMs
WE# : DDR2 SDRAMs
CKE0 : DDR2 SDRAMs
CKE1 : DDR2 SDRAMs
ODT0
ODT1
ODT0 : DDR2 SDRAMs
ODT1 : DDR2 SDRAMs
CS0#
CS0# : DDR2 SDRAMs
PLL
CK
CK#
120
DDR2 SDRAM X 2
DDR2 SDRAM X 2
DDR2 SDRAM X 2
DDR2 SDRAM X 2
DDR2 SDRAM X 2
DDR2 SDRAM X 2
DDR2 SDRAM X 2
DDR2 SDRAM X 2
DDR2 SDRAM X 2
CK
CK#
NOTE: All resistor values are 22 ohms ±5% unless otherwise specified.


Similar Part No. - WV3HG264M72EEU806D7ISG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EEU806D6GG WEDC-WV3HG264M72EEU806D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6MG WEDC-WV3HG264M72EEU806D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU806D6SG WEDC-WV3HG264M72EEU806D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
More results

Similar Description - WV3HG264M72EEU806D7ISG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com