Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M8-20FCA Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WS1M8-20FCA
Description  2x512Kx8 DUALITHICTM SRAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WS1M8-20FCA Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WS1M8-20FCA Datasheet HTML 1Page - White Electronic Designs Corporation WS1M8-20FCA Datasheet HTML 2Page - White Electronic Designs Corporation WS1M8-20FCA Datasheet HTML 3Page - White Electronic Designs Corporation WS1M8-20FCA Datasheet HTML 4Page - White Electronic Designs Corporation WS1M8-20FCA Datasheet HTML 5Page - White Electronic Designs Corporation WS1M8-20FCA Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WS1M8-XXX
July 2004
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
2x512Kx8 DUALITHIC™ SRAM
FEATURES
Access Times 17, 20, 25, 35, 45, 55ns
Revolutionary, Center Power/Ground Pinout
Packaging:
• 32 pin, Hermetic Ceramic DIP (Package 300)
• 36 lead Ceramic SOJ (Package 100)
• 36 lead Ceramic Flatpack (Package 226)
36 CSOJ
36 FLATPACK
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
A0
A1
A2
A3
A4
CS1#
I/O0
I/O1
VCC
GND
I/O2
I/O3
WE#
A5
A6
A7
A8
A9
NC
A18
A17
A16
A15
OE#
I/O7
I/O6
GND
VCC
I/O5
I/O4
A14
A13
A12
A11
A10
CS2#
Block Diagram
512K x 8
512K x 8
A0-18
OE#
WE#
CS1#
CS2#
I/O0-7
(1)
(1)
PIN CONFIGURATION FOR WS1M8-XDJX
AND WS1M8-XFX
Pin Description
A0-18
Address Inputs
I/O0-7
Data Input/Output
CS1-2#
Chip Selects
OE#
Output Enable
WE#
Write Enable
VCC
+5.0V Power
GND
Ground
NOTE:
1. CS1# and CS2# are used to select the lower and upper 512Kx8 of the device. CS1# and CS2# must not be enabled at the same time.
Organized as two banks of 512Kx8
Commercial, Industrial and Military Temperature Ranges
5 Volt Power Supply
Low Power CMOS
TTL Compatible Inputs and Outputs
PIN CONFIGURATION FOR WS1M8-XCX
32 DIP
TOP VIEW
512K x 8
512K x 8
A0-18
WE#
CS 1#
CS 2#
I/O0-7
(1)
(1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A18
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
A17
WE#
A13
A8
A9
A11
CS2#
A10
CS1#
I/O7
I/O6
I/O5
I/O4
I/O3
Pin Description
A0-18
Address Inputs
I/O0-7
Data Input/Output
CS1-2#
Chip Selects
WE#
Write Enable
VCC
+5.0V Power
GND
Ground
Block Diagram


Similar Part No. - WS1M8-20FCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8-100CC WEDC-WS1M8-100CC Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CCA WEDC-WS1M8-100CCA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CI WEDC-WS1M8-100CI Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CIA WEDC-WS1M8-100CIA Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-100CM WEDC-WS1M8-100CM Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
More results

Similar Description - WS1M8-20FCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M8V-XCX WEDC-WS1M8V-XCX Datasheet
263Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
WS1M8-XCX WEDC-WS1M8-XCX Datasheet
260Kb / 5P
   2x512Kx8 DUALITHICTM SRAM
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
AS5C4009LL ETC1-AS5C4009LL Datasheet
117Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com