Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3020SO8A Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # V3020SO8A
Description  Ultra Low Power 1-Bit 32 kHz RTC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3020SO8A Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button V3020SO8A Datasheet HTML 2Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 3Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 4Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 5Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 6Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 7Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 8Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3020SO8A Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
R
V3020
Copyright © 2005, EM Microelectronic-Marin SA
6
www.emmicroelectronic.com
Typical Frequency on I/O Pin
Typical drift for ideal 32'768 Hz quartz
Note
: The trimming capacitor value must not exceed
15 pF. Greater values may disturb the oscillator
function
Fig. 5
Quartz Characteristics
O
F
F
= -0.038
2
C
ppm
°
(T – TO)
2 ± 10%
∆F/FO
=
the ratio of the change in frequency to the
nominal value expressed in ppm (it can be
thought of as the frequency deviation at any
temperature)
T
=
the temperature of interest in °C
TO
=
the turnover temperature (25 ± 5°C)
To determine the clock error (accuracy) at a given
temperature, add the frequency tolerance at 25°C to the
value obtained from the formula above.
Fig. 6


Similar Part No. - V3020SO8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020SO8A EMMICRO-V3020SO8A Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
More results

Similar Description - V3020SO8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
   Ultra Low Power 1-Bit 32 kHz RTC
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
   Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
logo
LAPIS Semiconductor Co....
ML630Q464 LAPIS-ML630Q464 Datasheet
1Mb / 37P
   Ultra Low Power 32-bit Microcontroller
logo
EM Microelectronic - MA...
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Maxim Integrated Produc...
DS1672 MAXIM-DS1672_11 Datasheet
197Kb / 15P
   I2C 32-Bit Binary Counter RTC
Rev 9/11
DS1672 MAXIM-DS1672 Datasheet
514Kb / 15P
   I2C 32-Bit Binary Counter RTC
REV: 031406
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com