Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT161D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT161D
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT161D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT161D Datasheet HTML 3Page - NXP Semiconductors 74HCT161D Datasheet HTML 4Page - NXP Semiconductors 74HCT161D Datasheet HTML 5Page - NXP Semiconductors 74HCT161D Datasheet HTML 6Page - NXP Semiconductors 74HCT161D Datasheet HTML 7Page - NXP Semiconductors 74HCT161D Datasheet HTML 8Page - NXP Semiconductors 74HCT161D Datasheet HTML 9Page - NXP Semiconductors 74HCT161D Datasheet HTML 10Page - NXP Semiconductors 74HCT161D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
December 1990
7
Philips Semiconductors
Product specification
Presettable synchronous 4-bit binary
counter; asynchronous reset
74HC/HCT161
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
61
22
18
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
CP to TC
69
25
20
215
43
37
270
54
46
325
65
55
ns
2.0
4.5
6.0
Fig.8
tPHL
propagation delay
MR to Qn
63
23
18
210
42
36
265
53
45
315
63
54
ns
2.0
4.5
6.0
Fig.9
tPHL
propagation delay
MR to TC
63
23
18
220
44
37
275
55
47
330
66
56
ns
2.0
4.5
6.0
Fig.9
tPHL/ tPLH
propagation delay
CET to TC
33
12
10
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.10
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 8 and 10
tW
clock pulse width
HIGH or LOW
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tW
master reset pulse
width; LOW
80
16
14
19
7
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.9
trem
removal time
MR to CP
100
20
17
19
7
6
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.9
tsu
set-up time
Dn to CP
80
16
14
25
9
7
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.11
tsu
set-up time
PE to CP
100
20
17
30
11
9
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.11


Similar Part No. - 74HCT161D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT160 PHILIPS-74HCT160 Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160D PHILIPS-74HCT160D Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160DB PHILIPS-74HCT160DB Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160N PHILIPS-74HCT160N Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
74HCT160PW PHILIPS-74HCT160PW Datasheet
63Kb / 9P
   Presettable synchronous BCD decade counter; asynchronous reset
December 1990
More results

Similar Description - 74HCT161D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
logo
NXP Semiconductors
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com