Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5525IRGZT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5525IRGZT
Description  12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5525IRGZT Datasheet(HTML) 4 Page - Texas Instruments

  ADS5525IRGZT Datasheet HTML 1Page - Texas Instruments ADS5525IRGZT Datasheet HTML 2Page - Texas Instruments ADS5525IRGZT Datasheet HTML 3Page - Texas Instruments ADS5525IRGZT Datasheet HTML 4Page - Texas Instruments ADS5525IRGZT Datasheet HTML 5Page - Texas Instruments ADS5525IRGZT Datasheet HTML 6Page - Texas Instruments ADS5525IRGZT Datasheet HTML 7Page - Texas Instruments ADS5525IRGZT Datasheet HTML 8Page - Texas Instruments ADS5525IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5525
SLWS191 – JULY 2006
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 170 MSPS, sine wave input clock, 1.5 V
PP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, 0dB gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
12
bits
ANALOG INPUT
Differential input voltage range
2
VPP
Differential input capacitance
7
pF
Analog input bandwidth
–3 dB, source impedance 50
500
MHz
Analog input common mode current
280
µA
(per input pin)
REFERENCE VOLTAGES
V(REFB)
Internal reference bottom voltage
Internal reference mode
0.5
V
V(REFT)
Internal reference top voltage
Internal reference mode
2.5
V
VCM
Common mode output voltage
Internal reference mode
1.5
V
VCM output current capability
Internal reference mode
±4
mA
DC ACCURACY
No Missing Codes
Specified
DNL
Differential non-linearity
–0.9
0.5
TBD
LSB
INL
Integral non-linearity
± 1
LSB
Offset error
5
mV
Offset temperature coefficient
0.002
ppm/
°C
Gain error
±1
%FS
Gain temperature coefficient
0.01
∆%/°C
PSRR
DC Power supply rejection ratio
0.6
mV/V
POWER SUPPLY
I(AVDD)
Analog supply current
284
mA
LVDS mode, IO = 3.5 mA,
49
mA
RL = 100 Ω, CL = 5 pF
I(DRVDD)
Digital supply current
CMOS mode, FIN = 2.5 MHz,
39
mA
CL = 5 pF
ICC
Total supply current
LVDS mode
333
mA
Total power dissipation
LVDS mode
1.1
TBD
W
In STANDBY mode with clock
Standby power
100
TBD
mW
running
Clock stop power
With input clock stopped
100
TBD
mW
4
Submit Documentation Feedback


Similar Part No. - ADS5525IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5525IRGZT TI1-ADS5525IRGZT Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525IRGZTG4 TI1-ADS5525IRGZTG4 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5525IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527_07 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5527 TI-ADS5527 Datasheet
1Mb / 49P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
[Old version datasheet]   14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com