Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-A9283 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67000-A9283
Description  5-A H-Bridge for DC-Motor Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67000-A9283 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67000-A9283 Datasheet HTML 5Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 6Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 7Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 8Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 9Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 10Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 11Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 12Page - Infineon Technologies AG Q67000-A9283 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLE 5205-2
Electrical Characteristics
Data Sheet
9
2001-06-19
3
Electrical Characteristics
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
3.1
Absolute Maximum Ratings
– 40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Voltages
Supply voltage
V
S
– 0.3
40
V
– 140
V
t < 0.5 s; I
S > – 5 A
Logic input voltage
V
IN1, 2
– 0.3
7
V
0 V <
V
S < 40 V
Diagnostics output voltage
V
EF
– 0.3
7
V
Currents of DMOS-Transistors and Freewheeling Diodes
Output current (cont.)
I
OUT1, 2
– 55
A
Output current (peak)
I
OUT1, 2
– 66
A
t
p < 100 ms; T =1s
Output current (peak)
I
OUT1, 2
A
t
p < 50 µs; T =1 s;
internally limitted;
see overcurrent
Temperatures
Junction temperature
T
j
– 40
150
°C
Storage temperature
T
stg
– 50
150
°C
Thermal Resistances
Junction case
R
thjC
3
K/W
P-TO220-7-11/12,
P-TO263-7-1
Junction ambient
R
thjA
65
K/W
P-TO220-7-11/12
75
K/W
P-TO263-7-1
Junction case
R
thjC
5
K/W
P-DSO-20-12
Junction ambient
R
thjA
50
K/W
P-DSO-20-12


Similar Part No. - Q67000-A9283

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A9284-X201-K5 SIEMENS-Q67000-A9284-X201-K5 Datasheet
472Kb / 39P
   High Performance Power Combi Controller
More results

Similar Description - Q67000-A9283

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE7209-2R INFINEON-TLE7209-2R_07 Datasheet
428Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.4, 2007-04-05
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com