Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FTC534PCX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74FTC534PCX
Description  Octal D Flip-Flop with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74FTC534PCX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  74FTC534PCX Datasheet HTML 1Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 2Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 3Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 4Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 5Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 6Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 7Page - National Semiconductor (TI) 74FTC534PCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics
Symbol
Parameter
74FCT
74FCT
Units
TA ea25 CTA VCC e Com
VCC e 50V
CL e 50 pF
Typ
Min
Max
(Note 1)
tPLH
Propagation Delay
65
15
100
ns
tPHL
CP to On
tPZH
Output Enable
90
15
125
ns
tPZL
Time
tPHZ
Output Disable
60
15
80
ns
tPLZ
Time
ts
Set Up Time High or Low
10
20
ns
Dn to CP
th
Hold Time High or Low
05
15
ns
Dn to CP
tw
CP Pulse Width
40
70
ns
High or Low
Note 1
Minimum limits guaranteed but not tested on propagation delays
Capacitance TA ea25 C fI e 10 MHz
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Input Capacitance
6
10
pF
VIN e 0V
COUT
Output Capacitance
8
12
pF
VOUT e 0V
Note
This parameter is measured at characterization but not tested
COUT for 74FCT only
Ordering Information
The device number is used to form part of a simplified purchasing code where a package type and temperature range are
defined as follows
74FCT
534
P
C
QR
Temperature Range Family
Special Variations
74FCT e Commercial TTL-Compatible
X e Devices shipped in 13 reels
QR e Commercial grade device
Device Type
with burn-in
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
S e Small Outline (SOIC)
5


Similar Part No. - 74FTC534PCX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
74F BOURNS-74F Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
Yuan Dean Scientific., ...
74F YUANDEAN-74F Datasheet
445Kb / 2P
   RJ45 Jack
74F-4002 YUANDEAN-74F-4002 Datasheet
445Kb / 2P
   RJ45 Jack
74F-4003 YUANDEAN-74F-4003 Datasheet
445Kb / 2P
   RJ45 Jack
74F-4004 YUANDEAN-74F-4004 Datasheet
445Kb / 2P
   RJ45 Jack
More results

Similar Description - 74FTC534PCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54AC374 NSC-54AC374 Datasheet
170Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
logo
Texas Instruments
54AC374 TI1-54AC374 Datasheet
215Kb / 10P
[Old version datasheet]   Octal D Flip-Flop with TRI-STATE Outputs
logo
National Semiconductor ...
54FCT374A NSC-54FCT374A Datasheet
213Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
MN54ACTQ574-X NSC-MN54ACTQ574-X Datasheet
34Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
54ACT534 NSC-54ACT534 Datasheet
149Kb / 6P
   Octal D Flip-Flop with TRI-STATE Outputs
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com