Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3209-021 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-3209-021
Description  IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3209-021 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-3209-021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3209-021 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Agilent HSDL-3209
IrDAData Compliant Low Power
115.2 kbit/s Infrared Transceiver
Description
The HSDL-3209 is an ultra-
small low cost infrared
transceiver module that
provides the interface between
logic and infrared (IR) signals
for through air, serial, half-
duplex IR data link. It is
designed to interface to input/
output logic circuits as low as
1.5V. The module is compliant
to IrDA Physical Layer
Features
••••• Fully Compliant to IrDA 1.4 Low
Power Specification from 9.6
kbit/s to 115.2 kbit/s
••••• Miniature Package
- Height : 1.60 mm
- Width : 7.00 mm
- Depth : 2.80 mm
••••• Guaranteed Temperature
Performance, -25 to +70 °C
- Critical parameters are
guaranteed over temperature &
supply voltage
••••• Low Power Consumption
- Complete shutdown of TXD,
RXD, and PIN diode
••••• Vcc Supply 2.4 to 3.6 Volts
••••• Interface to Input/Output Logic
Circuits as Low as 1.5V
••••• LED Stuck-High Protection
••••• Designed to Accommodate Light
Loss with Cosmetic Windows
••••• IEC 825-Class 1 Eye Safe
Applications
••••• Mobile Telecom
- Mobile Phones
- Pagers
- Smart Phone
••••• Data Communication
- PDAs
- Portable Printers
••••• Digital Imaging
- Digital Cameras
- Photo-Imaging Printers
••••• Electronic Wallet
Specifications version 1.4 Low
Power from 9.6 kbit/s to 115.2
kbit/s with extended link
distance and it is IEC 825-
Class 1 eye safe.
The HSDL-3209 can be
shutdown completely to
achieve very low power
consumption. In the shutdown
mode, the PIN diode will be
inactive and thus producing
very little photocurrent even
under very bright ambient
light. Such features are ideal
for battery operated handheld
products.
Functional Block Diagram
Figure 1. Functional Block Diagram
Vcc
R1
RXD (2)
Receiver
Transmitter
TXD (3)
HSDL-3209
CX1
CX2
LEDA (1)
Vled
SD (4)
Vcc (6)
GND (7)
IOVcc (5)
CX3
CX4
IOVcc


Similar Part No. - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL-3209-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3203 HP-HSDL-3203 Datasheet
238Kb / 19P
   Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3003 HP-HSDL-3003 Datasheet
319Kb / 21P
   IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3007 AVAGO-ASDL-3007 Datasheet
582Kb / 19P
   Data Compliant Low Power 115.2 Kbit/s with Remote Control Infrared Transceiver
HSDL-3005 AVAGO-HSDL-3005 Datasheet
534Kb / 22P
   IrDA짰 Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver
HSDL-3203 AVAGO-HSDL-3203 Datasheet
400Kb / 19P
   Small Profile Package IrDA짰 Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com