Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG72126V10D2 Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WED3DG72126V10D2
Description  1 GB-128Mx72, SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG72126V10D2 Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WED3DG72126V10D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG72126V10D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG72126V10D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG72126V10D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG72126V10D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED3DG72126V-D2
March 2002 Rev. A
ECO #XXXXX
FUNCTIONAL BLOCK DIAGRAM
A0 ~ A12, BA0 & 1
CKE0
RAS
CAS
WE
SDRAM U0 ~ U17
SDRAM U0 ~ U17
SDRAM U0 ~ U17
SDRAM U0 ~ U17
SDRAM U0 ~ U8
10
DQn
Every DQpin of SDRAM
CKE1
SDRAM U9 ~ U17
10K
VDD
DQM1
DQM5
DQM3
DQM2
CS2
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U5
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U1
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U6
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U2
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U3
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U8
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U4
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQM
CS
DQM0
CS0
DQM4
DQM6
DQM7
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U9
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U10
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U11
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U14
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U15
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U16
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U17
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U12
DQM
CS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
U13
DQM
CS
CS1
CS3
VDD
Vss
Two 0.1uF Capacitors
per each SDRAM
To all SDRAMs
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
U1/U3/U0/U4
U6/U7/U5/U8
10
CLK0/1/2/3
U10/U12/U9/U13
U15/U16/U14/U17
1.5pF*1
·
·
·
·
U2/U11
*1 : For 4 loads, CLK2 & CLK3 only.
Serial PD
SDA
SCL
A1
A2
A0
SA1 SA2
SA0
WP
47K


Similar Part No. - WED3DG72126V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V10D1 WEDC-WED3DG7264V10D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V75D1 WEDC-WED3DG7264V75D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V7D1 WEDC-WED3DG7264V7D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
More results

Similar Description - WED3DG72126V10D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Axiomtek Co., Ltd.
RBOX630 AXIOMTEK-RBOX630 Datasheet
354Kb / 2P
   1 GB DDR3 SDRAM onboard
logo
Elpida Memory
EBS11RC4ACNA ELPIDA-EBS11RC4ACNA Datasheet
167Kb / 15P
   1 GB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
logo
Samsung semiconductor
M366S0924FTS SAMSUNG-M366S0924FTS Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
logo
White Electronic Design...
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Samsung semiconductor
M366S1723ET SAMSUNG-M366S1723ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com