Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG72126V7D2 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WED3DG72126V7D2
Description  1 GB-128Mx72, SDRAM UNBUFFERED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG72126V7D2 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WED3DG72126V7D2 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG72126V7D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG72126V7D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG72126V7D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG72126V7D2 Datasheet HTML 5Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
White Electronic Designs Corporation • (508) 366-5151 • www.whiteedc.com
WED3DG72126V-D2
March 2002 Rev. A
ECO #XXXXX
1GB-128Mx72,SDRAM UNBUFFERED
n Burst Mode Operation
n Auto and Self Refresh capability
n LVTTL compatible inputs and outputs
n Serial Presence Detect with EEPROM
n Fully synchronous: All signals are registered on the positive
edge of the system clock
n Programmable Burst Lengths: 1, 2, 4, 8 or Full Page
n 3.3 volt 6 0.3v Power Supply
n 168- Pin DIMM JEDEC
The WED3DG72126V is organized as a 128Mx72 synchronous
DRAM module which consists of eighteen 64Mx8 stack SDRAM
components in TSOP- 11 package, and one 2K EEPROM in an 8-
pin TSSOP package for Serial Presence Detect which are mounted
on a 168 Pin DIMM multilayer FR4 Substrate.
DESCRIPTION
FEATURES
PIN CONFIGURATIONS (FRONT SIDE/BACK SIDE)
PIN NAMES
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1
VSS
29
DQM1
57
DQ18
85
VSS
113
DQM5
141
DQ50
2
DQ0
30
CS0
58
DQ19
86
DQ32
114
CS1
142
DQ51
3
DQ1
31
DNU
59
VDD
87
DQ33
115
RAS
143
VDD
4
DQ2
32
VSS
60
DQ20
88
DQ34
116
VSS
144
DQ52
5
DQ3
33
A0
61
NC
89
DQ35
117
A1
145
NC
6
VDD
34
A2
62
*VREF
90
VDD
118
A3
146
*VREF
7
DQ4
35
A4
63
CKE1
91
DQ36
119
A5
147
NC
8
DQ5
36
A6
64
VSS
92
DQ37
120
A7
148
VSS
9
DQ6
37
A8
65
DQ21
93
DQ38
121
A9
149
DQ53
10
DQ7
38
A10/AP
66
DQ22
94
DQ39
122
BA0
150
DQ54
11
DQ8
39
BA1
67
DQ23
95
DQ40
123
A11
151
DQ55
12
VSS
40
VDD
68
VSS
96
VSS
124
VDD
152
VSS
13
DQ9
41
VDD
69
DQ24
97
DQ41
125
CLK1
153
DQ56
14
DQ10
42
CLK0
70
DQ25
98
DQ42
126
A12
154
DQ57
15
DQ11
43
VSS
71
DQ26
99
DQ43
127
VSS
155
DQ58
16
DQ12
44
DNU
72
DQ27
100
DQ44
128
CKE0
156
DQ59
17
DQ13
45
CS2
73
VDD
101
DQ45
129
CS3
157
VDD
18
VDD
46
DQM2
74
DQ28
102
VDD
130
DQM6
158
DQ60
19
DQ14
47
DQM3
75
DQ29
103
DQ46
131
DQM7
159
DQ61
20
DQ15
48
DNU
76
DQ30
104
DQ47
132
*A13
160
DQ62
21
CB0
49
VDD
77
DQ31
105
CB4
133
VDD
161
DQ63
22
CB1
50
NC
78
VSS
106
CB5
134
NC
162
VSS
23
VSS
51
NC
79
CLK2
107
VSS
135
NC
163
CLK3
24
NC
52
CB2
80
NC
108
NC
136
CB6
164
NC
25
NC
53
CB3
81
NC
109
NC
137
CB7
165
**SA0
26
VDD
54
VSS
82
**SDA
110
VDD
138
VSS
166
**SA1
27
WE
55
DQ16
83
**SCL
111
CAS
139
DQ48
167
**SA2
28
DQM0
56
DQ17
84
VDD
112
DQM4
140
DQ49
168
VDD
* These pins are not used in this module.
** These pins should be NC in the system which
does not support SPD.
*ADVANCED
* This datasheet describes a product that may or may not be under development
and is subject to change or cancellation without notice.
A0 – A12Address input (Multiplexed)
BA0-1
Select Bank
DQ0-63
Data Input/Output
CB0-7
Check bit (Data-in/data-out)
CLK0-CLK3
Clock input
CKE0,CKE1
Clock Enable input
CS0-CS3
Chip select Input
RAS
RowAddress Strobe
CAS
ColumnAddress Strobe
WE
Write Enable
DQM0-7
DQM
VDD
Power Supply (3.3V)
VSS
Ground
*VREF
Power supply for reference
SDA
Serial data I/O
SCL
Serial clock
SA0-2Address in EEPROM
DNU
Do not use
NC
No Connect


Similar Part No. - WED3DG72126V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V10D1 WEDC-WED3DG7264V10D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V75D1 WEDC-WED3DG7264V75D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V7D1 WEDC-WED3DG7264V7D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7266V-D1 WEDC-WED3DG7266V-D1 Datasheet
120Kb / 7P
   512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
More results

Similar Description - WED3DG72126V7D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG72128V-D1 WEDC-W3DG72128V-D1 Datasheet
86Kb / 6P
   1GB - 128Mx72 SDRAM, UNBUFFERED w/PLL
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Axiomtek Co., Ltd.
RBOX630 AXIOMTEK-RBOX630 Datasheet
354Kb / 2P
   1 GB DDR3 SDRAM onboard
logo
Elpida Memory
EBS11RC4ACNA ELPIDA-EBS11RC4ACNA Datasheet
167Kb / 15P
   1 GB Registered SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72AER-AD6 WEDC-WV3HG128M72AER-AD6 Datasheet
174Kb / 12P
   1GB - 128Mx72 DDR2 SDRAM RDIMM, VLP
logo
Samsung semiconductor
M366S0924FTS SAMSUNG-M366S0924FTS Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
logo
White Electronic Design...
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
logo
Samsung semiconductor
M366S1723ET SAMSUNG-M366S1723ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M366S6453ET SAMSUNG-M366S6453ET Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com