Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP1-H-5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # RP1-H-5V
Description  LOW PROFILE HIGH FREQUENCY RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

RP1-H-5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  RP1-H-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) RP1-H-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) RP1-H-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) RP1-H-5V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
93
LOW PROFILE HIGH
FREQUENCY RELAY
RP-RELAYS
1
Ex. RP
H
Contact arrangement
1:1 Form C
Note: Standard packing; Carton: 50 pcs. Case 1,000 pcs.
Nil: Standard PC board terminal
H: Self-clinching terminal
1.5, 3, 4.5, 5, 6, 9, 12, 24 V
Terminal shape
Coil voltage (DC)
3V
Arrangement
Contact material
Movable
Stationary
Nominal switch-
ing capacity
Isolation
Insertion loss
V.S.W.R.
Mechanical
(at 180 cpm)
Electrical
(at 20 cpm)
Initial contact resistance, max.
(By voltage drop 6 V DC 0.1 A)
Rating
High frequency
characteristics
(Impedance 50
Ω)
Expected life
(min. opera-
tions)
Contact
Coil (at 25
°C, 68°F)
Voltage type
1.5 to 12 V DC
24 V DC
Nominal operating power
140 mW
270 mW
1 Form C
Silver alloy
Gold-clad silver
50 m
0.1 A 30 V DC
Contact switching power: 1 W
(Max. 1.8 GHz); Contact carrying
power: 3 W (Max. 1.2 GHz)
1 W (Max. 1.8 GHz)
Min. 15 dB (at 1 GHz)
Min. 10 dB (at 1.8 GHz)
Max. 0.5 dB (at 1 GHz)
Max. 1 dB (at 1.8 GHz)
Max. 1.2 (at 1 GHz)
Max. 1.3 (at 1.8 GHz)
5
×106
105 (0.1 A 30 V DC)
105 (1 W at 1.8 GHz;
V.S.W.R.: max. 1.3)
Max. operating speed (at rated load)
Initial breakdown
voltage*2
Initial insulation resistance*1
Operate time*3 (at nominal voltage)
Release time(without diode)*3
(at nominal voltage)
Temperature rise
Shock resistance
Vibration
resistance
Unit weight
Remarks
* Specifications will vary with foreign standards certification ratings.
*
1 Measurement at same location as “Initial breakdown voltage” section
*
2 Detection current: 10mA
*
3 Excluding contact bounce time
*
4 Half-wave pulse of sine wave: 11ms, detection time: 10
µs
*
5 Half-wave pulse of sine wave: 6ms
*
6 Detection time: 10
µs
Approx. 1 g .04 oz
Characteristics
20 cpm
Min. 1,000 M
Ω at 500 V DC
750 Vrms for 1 min.
1,500 Vrms for 1 min.
Between open contacts
Between contacts and coil
Max. 3 ms
(Approx. 1.5 ms)
Max. 2 ms
(Approx. 1 ms)
Max. 50
°Cwith nominal coil
voltage across coil and at
nominal switching capacity
Min. 500 m/s2 {50 G}
Min. 1,000 m/s2 {100 G}
Functional*4
Destructive*5
Functional*6
Destructive
10 to 55 Hz
at double amplitude of 3 mm
10 to 55 Hz
at double amplitude of 5 mm
Conditions for operation,
transport and storage
(Not freezing and condensing
at low temperature)
Ambient temp.
Humidity
–40
°C to 70°C
–40
°F to 158°F
5 to 85% R.H.
9
.748
4
.157
10.6
.417
TYPICAL APPLICATIONS
• Antenna switching of mobile phone
• Switching signal of measuring equipment
ORDERING INFORMATION
• High frequency relay with the low profile of 4 mm .157 inch
• Excellent high frequency characteristics
Isolation: Min. 10dB (at 1.8 GHz)
Insertion loss: Max. 1.0dB (at 1.8 GHz)
V.S.W.R.: Max. 1.3 (at 1.8 GHz)
• High sensitivity in small size
Size: 10.6
× 9 × 4 mm .417 × .354 × .157 inch
Nominal operating power: 140 mW
SPECIFICATIONS
mm inch


Similar Part No. - RP1-H-5V

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-11005DRAW RECOM-RP10-11005DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11005SRAW RECOM-RP10-11005SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012DRAW RECOM-RP10-11012DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012SRAW RECOM-RP10-11012SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11015DRAW RECOM-RP10-11015DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results

Similar Description - RP1-H-5V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6Y OMRON-G6Y Datasheet
595Kb / 8P
   High Frequency Relay
G6W-1P OMRON-G6W-1P Datasheet
250Kb / 8P
   High-frequency Relay
G6K-RF OMRON-G6K-RF Datasheet
468Kb / 8P
   High Frequency Relay
G6W OMRON-G6W Datasheet
852Kb / 10P
   High-frequency Relay
G6Z OMRON-G6Z Datasheet
1Mb / 18P
   High-frequency Relay
G2RL-24-CF-DC24 OMRON-G2RL-24-CF-DC24 Datasheet
182Kb / 6P
   High Capacity, Low Profile Relay
logo
Cooper Bussmann, Inc.
FP0805R1-R03-R COOPER-FP0805R1-R03-R Datasheet
448Kb / 4P
   High Current, High Frequency, Low-Profile Power Inductors
logo
Tyco Electronics
PCD MACOM-PCD Datasheet
139Kb / 2P
   Low Profile PCB Relay
logo
Vishay Siliconix
IHLP-1616BZ-0H VISHAY-IHLP-1616BZ-0H Datasheet
203Kb / 4P
   High Frequency, Low Profile, High Current IHLP Inductor
Revision: 26-Sep-17
logo
Cooper Bussmann, Inc.
FP1005R1-R08-R COOPER-FP1005R1-R08-R Datasheet
439Kb / 4P
   High Current, High Frequency, Low-Profile Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com