Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2824 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSMS-2824
Description  Surface Mount RF Schottky Barrier Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2824 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSMS-2824 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMS-2824 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
lower cost solution is available[4].
Illustrated schematically in
Figure 19, this circuit uses diode
D2 and its associated passive
components to cancel all even
order harmonics at the detector’s
RF input. Diodes D3 and D4
provide temperature compensa-
tion as described above. All four
diodes are contained in a single
HSMS- 282R package, as illus-
trated in the layout shown in
Figure 20.
RF in
D1
R1
V+
R2
D3
C1
V–
R4
D4
C1 = C2
≈ 100 pF
R1 = R2 = R3 = R4 = 4.7 K
D1 & D2 & D3 & D4 = HSMS-282R
C2
D2
68
R3
Figure 19. Schematic of Sup-
pressed Harmonic Detector.
HSMS-282R
4.7 K
4.7 K
100 pF
100 pF
68
V–
RF in
V+
Figure 20. Layout of Suppressed
Harmonic Detector.
Note that the forgoing discussion
refers to the output voltage being
extracted at point V+ with
respect to ground. If a differential
output is taken at V+ with respect
to V-, the circuit acts as a voltage
doubler.
Mixer applications
The HSMS-282x family, with its
wide variety of packaging, can be
used to make excellent mixers at
frequencies up to 6 GHz.
The HSMS-2827 ring quad of
matched diodes (in the SOT-143
package) has been designed for
double balanced mixers. The
smaller (SOT-363) HSMS-282R ring
quad can similarly be used, if the
quad is closed with external
connections as shown in Figure 21.
HSMS-282R
IF out
RF in
LO in
Figure 21. Double Balanced
Mixer.
Both of these networks require a
crossover or a three dimensional
circuit. A planar mixer can be
made using the SOT-143 cross-
over quad, HSMS-2829, as shown
in Figure 22. In this product, a
special lead frame permits the
crossover to be placed inside the
plastic package itself, eliminating
the need for via holes (or other
measures) in the RF portion of
the circuit itself.
HSMS-2829
IF out
RF in
LO in
Figure 22. Planar Double Bal-
anced Mixer.
A review of Figure 21 may lead to
the question as to why the
HSMS-282R ring quad is open on
the ends. Distortion in double
balanced mixers can be reduced
if LO drive is increased, up to the
point where the Schottky diodes
are driven into saturation. Above
this point, increased LO drive will
not result in improvements in
distortion. The use of expensive
high barrier diodes (such as those
fabricated on GaAs) can take
advantage of higher LO drive
power, but a lower cost solution
is to use a eight (or twelve) diode
ring quad. The open design of the
HSMS-282R permits this to easily
be done, as shown in Figure 23.
HSMS-282R
IF out
RF in
LO in
Figure 23. Low Distortion Double
Balanced Mixer.
This same technique can be used
in the single-balanced mixer.
Figure 24 shows such a mixer,
with two diodes in each spot
normally occupied by one. This
mixer, with a sufficiently high LO
drive level, will display low
distortion.
HSMS-282R
180
°
hybrid
IF out
LO in
RF in
Low pass
filter
Figure 24. Low Distortion Bal-
anced Mixer.
[4] Alan Rixon and Raymond W. Waugh, “A Suppressed Harmonic Power Detector for Dual
Band ‘Phones,” to be published.


Similar Part No. - HSMS-2824

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2824 AVAGO-HSMS-2824 Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
HSMS-2824 AVAGO-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2824-BLK HP-HSMS-2824-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2824-BLKG AVAGO-HSMS-2824-BLKG Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
More results

Similar Description - HSMS-2824

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com