Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77IC32P-25 Datasheet(PDF) 10 Page - Winbond

Part # W77IC32P-25
Description  8 BIT MICROCONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77IC32P-25 Datasheet(HTML) 10 Page - Winbond

Back Button W77IC32P-25 Datasheet HTML 6Page - Winbond W77IC32P-25 Datasheet HTML 7Page - Winbond W77IC32P-25 Datasheet HTML 8Page - Winbond W77IC32P-25 Datasheet HTML 9Page - Winbond W77IC32P-25 Datasheet HTML 10Page - Winbond W77IC32P-25 Datasheet HTML 11Page - Winbond W77IC32P-25 Datasheet HTML 12Page - Winbond W77IC32P-25 Datasheet HTML 13Page - Winbond W77IC32P-25 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Preliminary W77IC32
- 10 -
Mnemonic: DPH1
Address: 85h
This is the high byte of the new additional 16-bit data pointer that has been added to the W77IC32.
The user can switch between DPL, DPH and DPL1, DPH1 simply by setting register DPS = 1. The
instructions that use DPTR will now access DPL1 and DPH1 in place of DPL and DPH. If they are not
required they can be used as conventional register locations by the user.
Data Pointer Select
Bit:
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
DPS.0
Mnemonic: DPS
Address: 86h
DPS.0: This bit is used to select either the DPL,DPH pair or the DPL1,DPH1 pair as the active Data
Pointer. When set to 1, DPL1,DPH1 will be selected, otherwise DPL,DPH will be selected.
DPS.1-7:These bits are reserved, but will read 0.
Power Control
Bit:
7
6
5
4
3
2
1
0
SM0D
SMOD0
-
-
GF1
GF0
PD
IDL
Mnemonic: PCON
Address: 87h
SMOD : This bit doubles the serial port baud rate in mode 1, 2, and 3 when set to 1.
SMOD0: Framing Error Detection Enable: When SMOD0 is set to 1, then SCON.7(SCON1.7)
indicates a Frame Error and acts as the FE(FE_1) flag. When SMOD0 is 0, then
SCON.7(SCON1.7) acts as per the standard 8052 function.
GF1-0: These two bits are general purpose user flags.
PD:
Setting this bit causes the W77IC32 to go into the POWER DOWN mode. In this mode all the
clocks are stopped and program execution is frozen.
IDL:
Setting this bit causes the W77IC32 to go into the IDLE mode. In this mode the clocks to the
CPU are stopped, so program execution is frozen. But the clock to the serial, timer and
interrupt blocks is not stopped, and these blocks continue operating.
Timer Control
Bit:
7
6
5
4
3
2
1
0
TF1
TR1
TF0
TR0
IE1
IT
IE0
IT
Mnemonic: TCON
Address: 88h
TF1:
Timer 1 overflow flag: This bit is set when Timer 1 overflows. It is cleared automatically when
the program does a timer 1 interrupt service routine. Software can also set or clear this bit.
TR1:
Timer 1 run control: This bit is set or cleared by software to turn timer/counter on or off.
TF0:
Timer 0 overflow flag: This bit is set when Timer 0 overflows. It is cleared automatically when
the program does a timer 0 interrupt service routine. Software can also set or clear this bit.


Similar Part No. - W77IC32P-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W77IC32P-25 WINBOND-W77IC32P-25 Datasheet
585Kb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77IC32P-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com