Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC253D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC253D
Description  Dual 4-input multiplexer; 3-state
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC253D Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC253D Datasheet HTML 1Page - NXP Semiconductors 74HC253D Datasheet HTML 2Page - NXP Semiconductors 74HC253D Datasheet HTML 3Page - NXP Semiconductors 74HC253D Datasheet HTML 4Page - NXP Semiconductors 74HC253D Datasheet HTML 5Page - NXP Semiconductors 74HC253D Datasheet HTML 6Page - NXP Semiconductors 74HC253D Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
December 1990
3
Philips Semiconductors
Product specification
Dual 4-input multiplexer; 3-state
74HC/HCT253
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 15
1OE, 2OE
output enable inputs (active LOW)
14, 2
S0,S1
common data select inputs
7, 9
1Y, 2Y
3-state multiplexer outputs
8
GND
ground (0 V)
6, 5, 4, 3
1I0 to 1I3
data inputs from source 1
10, 11, 12, 13
2I0 to 2I3
data inputs from source 2
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC253D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC253D NXP-74HC253D Datasheet
164Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
logo
Nexperia B.V. All right...
74HC253D NEXPERIA-74HC253D Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
74HC253D-Q100 NEXPERIA-74HC253D-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
74HC253D-Q100 NEXPERIA-74HC253D-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC253DB NXP-74HC253DB Datasheet
164Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
More results

Similar Description - 74HC253D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
   Dual 4-input multiplexer; 3-state
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
   Dual 4-input multiplexer 3-State
1996 Jan 05
logo
Nexperia B.V. All right...
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
   Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
74HC253 NXP-74HC253 Datasheet
164Kb / 17P
   Dual 4-input multiplexer; 3-state
Rev. 03-22 April 2010
logo
Nexperia B.V. All right...
74HC253 NEXPERIA-74HC253 Datasheet
277Kb / 16P
   Dual 4-input multiplexer; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74F253 PHILIPS-74F253 Datasheet
80Kb / 10P
   Dual 4-bit input multiplexer 3-State
1988 Nov 29
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com