Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR064FB70ZB6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58WR064FB70ZB6
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064FB70ZB6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58WR064FB70ZB6 Datasheet HTML 7Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 8Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 9Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 10Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 11Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 12Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 13Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 14Page - STMicroelectronics M58WR064FB70ZB6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
11/87
M58WR064FT, M58WR064FB
SIGNAL DESCRIPTIONS
See Figure 2., Logic Diagram and Table 1., Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A21). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the Program/Erase Con-
troller.
Data Input/Output (DQ0-DQ15). The Data I/O
output the data stored at the selected address dur-
ing a Bus Read operation or input a command or
the data to be programmed during a Bus Write op-
eration.
Chip Enable (E). The Chip Enable input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. When Chip Enable is
at VILand Reset is at VIH the device is in active
mode. When Chip Enable is at VIH the memory is
deselected, the outputs are high impedance and
the power consumption is reduced to the standby
level.
Output Enable (G). The Output Enable input
controls data outputs during the Bus Read opera-
tion of the memory.
Write Enable (W). The Write Enable input con-
trols the Bus Write operation of the memory’s
Command Interface. The data and address inputs
are latched on the rising edge of Chip Enable or
Write Enable whichever occurs first.
Write Protect (WP). Write Protect is an input
that gives an additional hardware protection for
each block. When Write Protect is at VIL, the Lock-
Down is enabled and the protection status of the
Locked-Down blocks cannot be changed. When
Write Protect is at VIH, the Lock-Down is disabled
and the Locked-Down blocks can be locked or un-
locked. (refer to Table 13., Lock Status).
Reset (RP). The Reset input provides a hard-
ware reset of the memory. When Reset is at VIL,
the memory is in reset mode: the outputs are high
impedance and the current consumption is re-
duced to the Reset Supply Current IDD2. Refer to
Table 18., DC Characteristics - Currents, for the
value of IDD2. After Reset all blocks are in the
Locked state and the Configuration Register is re-
set. When Reset is at VIH, the device is in normal
operation. Exiting reset mode the device enters
asynchronous read mode, but a negative transi-
tion of Chip Enable or Latch Enable is required to
ensure valid data outputs.
The Reset pin can be interfaced with 3V logic with-
out any additional circuitry. It can be tied to VRPH
(refer to Table 19., DC Characteristics - Voltages).
Latch Enable (L). Latch Enable latches the ad-
dress bits on its rising edge. The address
latch is transparent when Latch Enable is at
VIL and it is inhibited when Latch Enable is at
VIH. Latch Enable can be kept Low (also at
board level) when the Latch Enable function
is not required or supported.
Clock (K). The clock input synchronizes the
memory to the microcontroller during synchronous
read operations; the address is latched on a Clock
edge (rising or falling, according to the configura-
tion settings) when Latch Enable is at VIL. Clock is
don't care during asynchronous read and in write
operations.
Wait (WAIT). Wait is an output signal used during
synchronous read to indicate whether the data on
the output bus are valid. This output is high imped-
ance when Chip Enable is at VIH or Reset is at VIL.
It can be configured to be active during the wait cy-
cle or one clock cycle in advance. The WAIT signal
is not gated by Output Enable.
VDD Supply Voltage . VDD provides the power
supply to the internal core of the memory device.
It is the main power supply for all operations
(Read, Program and Erase).
VDDQ Supply Voltage. VDDQ provides the power
supply to the I/O pins and enables all Outputs to
be powered independently of VDD. VDDQ can be
tied to VDD or can use a separate supply.
VPP Program Supply Voltage. VPP is a power
supply pin. The Supply Voltage VDD and the Pro-
gram Supply Voltage VPP can be applied in any or-
der. The pin can also be used as a control input.
In the device the two functions are selected by the
voltage range applied to the pin. If VPP is kept in a
low voltage range (0V to VDDQ) VPP is seen as a
control input. In this case a voltage lower than VP-
PLK gives an absolute protection against program
or erase, while VPP > VPP1 enables these func-
tions (see Tables 18 and 19, DC Characteristics
for the relevant values). VPP is only sampled at the
beginning of a program or erase; a change in its
value after the operation has started does not
have any effect and program or erase operations
continue.
If VPP is in the range of VPPH it acts as a power
supply pin. In this condition VPP must be stable un-
til the Program/Erase algorithm is completed.
VSS Ground. VSS ground is the reference for the
core supply. It must be connected to the system
ground.
VSSQ Ground. VSSQ ground is the reference for
the input/output circuitry driven by VDDQ. VSSQ
must be connected to VSS


Similar Part No. - M58WR064FB70ZB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR064 STMICROELECTRONICS-M58WR064 Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064B STMICROELECTRONICS-M58WR064B Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
M58WR064B100ZB6T STMICROELECTRONICS-M58WR064B100ZB6T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
M58WR064B70ZB6T STMICROELECTRONICS-M58WR064B70ZB6T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
M58WR064B85ZB6T STMICROELECTRONICS-M58WR064B85ZB6T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
More results

Similar Description - M58WR064FB70ZB6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
   64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com