Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC297 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC297
Description  Digital phase-locked-loop filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC297 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC297 Datasheet HTML 1Page - NXP Semiconductors 74HC297 Datasheet HTML 2Page - NXP Semiconductors 74HC297 Datasheet HTML 3Page - NXP Semiconductors 74HC297 Datasheet HTML 4Page - NXP Semiconductors 74HC297 Datasheet HTML 5Page - NXP Semiconductors 74HC297 Datasheet HTML 6Page - NXP Semiconductors 74HC297 Datasheet HTML 7Page - NXP Semiconductors 74HC297 Datasheet HTML 8Page - NXP Semiconductors 74HC297 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
September 1993
4
Philips Semiconductors
Product specification
Digital phase-locked-loop filter
74HC/HCT297
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
2, 1, 15, 14
A, B, C, D
modulo control inputs
3ENCTR
K-counter enable input
4KCP
K-counter clock input (LOW-to-HIGH, edge-triggered)
5
I/DCP
increment/decrement clock input (HIGH-to-LOW, edge-triggered)
6D/U
down/up control
7
I/DOUT
increment/decrement bus output
8
GND
ground (0 V)
9, 10, 13
φA1, φB, φA2
phase inputs
11
XORPDOUT
EXCLUSIVE-OR phase detector output
12
ECPDOUT
edge-controlled phase detector output
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Similar Part No. - 74HC297

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
74HC298 HITACHI-74HC298 Datasheet
34Kb / 7P
   Quad. 2-input Multiplexers (with storage)
logo
NXP Semiconductors
74HC299 PHILIPS-74HC299 Datasheet
85Kb / 11P
   8-bit universal shift register; 3-state
December 1990
74HC299 NXP-74HC299 Datasheet
151Kb / 24P
   8-bit universal shift register; 3-state
Rev. 03-28 July 2008
logo
Nexperia B.V. All right...
74HC299 NEXPERIA-74HC299 Datasheet
269Kb / 15P
   8-bit universal shift register; 3-state
Rev. 6 - 11 May 2021
More results

Similar Description - 74HC297

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT297 TI-CD74ACT297 Datasheet
196Kb / 12P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
CD74ACT297 TI1-CD74ACT297_14 Datasheet
463Kb / 18P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
SN54LS297 TI-SN54LS297 Datasheet
307Kb / 7P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com